Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100319 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 100319
Description  Low Power Hex Line Driver with Cut-Off
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100319 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100319 Datasheet HTML 1Page - Fairchild Semiconductor 100319 Datasheet HTML 2Page - Fairchild Semiconductor 100319 Datasheet HTML 3Page - Fairchild Semiconductor 100319 Datasheet HTML 4Page - Fairchild Semiconductor 100319 Datasheet HTML 5Page - Fairchild Semiconductor 100319 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version
DC Electrical Characteristics (Note 3)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = 0°C to +85°C
Note 3: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
AC Electrical Characteristics
VEE = −4.2V to 5.7V, VCC = VCCA = GND
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
Pin Potential to Ground Pin (VEE)
−7.0V to +0.5V
Input Voltage (DC)
VEE to +0.5V
Output Current (DC Output HIGH)
−100 mA
ESD (Note 2)
≥2000V
Case Temperature (TC)
Commercial
0
°C to +85°C
Industrial
−40°C to +85°C
Supply Voltage (VEE)
−5.7V to −4.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN = VIH(Max)
Loading with
VOL
Output LOW Voltage
−1830
−1705
−1620
mV
or VIL(Min)
25
Ω to −2.0V
VOHC
Output HIGH Voltage
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1610
mV
or VIL(Max)
25
Ω to −2.0V
VOLZ
Cut-Off LOW
−1950
mV
VIN = VIH(Min)
OE
= LOW
Voltage
or VIL(Max)
VIH
Input HIGH Voltage
−1110
−870
mV
Guaranteed HIGH Signal for All Inputs
VIL
Input LOW Voltage
−1830
−1530
mV
Guaranteed LOW Signal for All Inputs
IIL
Input LOW Current
100
µAV
IN = VIL(Min)
IIH
Input HIGH Current
360
µAV
IN = VIH(Max)
IEE
Power Supply Current, Normal
−119
−30
mA
IEEZ
Power Supply
−219
−75
mA
Inputs Open,
Current, Cut-Off
OE
= LOW
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.65
2.10
0.65
2.10
0.65
2.10
ns
Figures 1, 2
tPHL
Data to Output
tPZH
Propagation Delay
1.8
4.1
1.8
4.1
1.8
4.1
ns
tPHZ
OE to Output
1.2
2.9
1.2
2.9
1.2
2.9
tTLH
Transition Time
0.45
1.30
0.45
1.30
0.45
1.30
ns
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100319

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
100319812 MKS-100319812 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
100319813 MKS-100319813 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
More results

Similar Description - 100319

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
100354 FAIRCHILD-100354 Datasheet
91Kb / 9P
   Low Power 8-Bit Register with Cut-Off Drivers
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
100352 FAIRCHILD-100352 Datasheet
71Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
   Low Power 8-Bit Latch with Cut-Off Drivers
100352 NSC-100352 Datasheet
143Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
100323 NSC-100323 Datasheet
110Kb / 8P
   Low Power Hex Bus Driver
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
   Cut-off Punch
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
   Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
   Cut Off Punch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com