Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100324PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 100324PC
Description  Low Power Hex TTL-to-ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100324PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  100324PC Datasheet HTML 1Page - Fairchild Semiconductor 100324PC Datasheet HTML 2Page - Fairchild Semiconductor 100324PC Datasheet HTML 3Page - Fairchild Semiconductor 100324PC Datasheet HTML 4Page - Fairchild Semiconductor 100324PC Datasheet HTML 5Page - Fairchild Semiconductor 100324PC Datasheet HTML 6Page - Fairchild Semiconductor 100324PC Datasheet HTML 7Page - Fairchild Semiconductor 100324PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Commercial Version (Continued)
SOIC and PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND, VTTL = +4.5V to +5.5V
Note 4: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same pack-
aged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite
directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.50
2.80
0.50
2.70
0.50
2.80
ns
tPHL
Data and Enable to Output
Figures 2, 1
tTLH
Transition Time
0.45
1.70
0.45
1.70
0.45
1.70
ns
tTHL
20% to 80%, 80% to 20%
tOSHL
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
0.95
0.95
0.95
ns
(Note 4)
Data to Output Path
tOSLH
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
0.70
0.70
0.70
ns
(Note 4)
Data to Output Path
tOST
Maximum Skew Opposite Edge
PLCC Only
Output-to-Output Variation
1.60
1.60
1.60
ns
(Note 4)
Data to Output Path
tPS
Maximum Skew
PLCC Only
Pin (Signal) Transition Variation
1.20
1.20
1.20
ns
(Note 4)
Data to Output Path


Similar Part No. - 100324PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
logo
Texas Instruments
100324 TI1-100324 Datasheet
153Kb / 6P
[Old version datasheet]   Low Power Hex TTL-to-ECL Translator
logo
Turck, Inc.
1003240 TURCK-1003240 Datasheet
142Kb / 3P
   Inductive Sensor
11/07/2023
1003241 TURCK-1003241 Datasheet
168Kb / 3P
   Inductive Sensor
11/07/2023
logo
National Semiconductor ...
100324D NSC-100324D Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results

Similar Description - 100324PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com