Electronic Components Datasheet Search |
|
100325PC Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
100325PC Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 9 page © 2000 Fairchild Semiconductor Corporation DS009879 www.fairchildsemi.com July 1988 Revised August 2000 100325 Low Power Hex ECL-to-TTL Translator General Description The 100325 is a hex translator for converting F100K logic levels to TTL logic levels. Differential inputs allow each cir- cuit to be used as an inverting, non-inverting or differential receiver. An internal reference voltage generator provides VBB for single-ended operation, or for use in Schmitt trigger applications. All inputs have 50k Ω pull-down resistors. When the inputs are either unconnected or at the same potential the outputs will go LOW. When used in single-ended operation the apparent input threshold of the true inputs is 20mV to 40mV higher (posi- tive) than the threshold of the complementary inputs. The VEE and VTTL power may be applied in either order. Features s Pin/function compatible with 100125 s Meets 100125 AC specifications s 50% power reduction of the 100125 s Differential inputs with built in offset s Standard FAST outputs s 2000V ESD protection s −4.2V to −5.7V operating range s Available to industrial grade temperature range Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagrams 24-Pin DIP/SOIC 28-Pin PLCC Pin Descriptions FAST is a registered trademark of Fairchild Semiconductor Corporation. Order Number Package Number Package Description 100325SC M24B 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 100325PC N24E 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide 100325QI V28A 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square 100325QC V28A 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Industrial Temperature Range ( −40°C to +85°C) Pin Names Description D0–D5 Data Inputs D0–D5 Inverting Data Inputs Q0–Q5 Data Outputs |
Similar Part No. - 100325PC |
|
Similar Description - 100325PC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |