Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100336 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 100336
Description  Low Power 4-Stage Counter/Shift Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100336 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100336 Datasheet HTML 1Page - Fairchild Semiconductor 100336 Datasheet HTML 2Page - Fairchild Semiconductor 100336 Datasheet HTML 3Page - Fairchild Semiconductor 100336 Datasheet HTML 4Page - Fairchild Semiconductor 100336 Datasheet HTML 5Page - Fairchild Semiconductor 100336 Datasheet HTML 6Page - Fairchild Semiconductor 100336 Datasheet HTML 7Page - Fairchild Semiconductor 100336 Datasheet HTML 8Page - Fairchild Semiconductor 100336 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
Commercial Version (Continued)
DIP AC Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Note 5: The propagation delay specified is for single output switching. Delays may vary up to 250 ps with multiple outputs switching.
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
MinMax
MinMax
Min
Max
fSHIFT
Shift Frequency
300
300
300
MHz
Figures 2, 3
tPLH
Propagation Delay
1.00
2.00
1.00
2.00
1.00
2.00
ns
Figures 1, 3
tPHL
CP to Qn, Qn
(Note 5)
tPLH
Propagation Delay
2.10
3.50
2.10
3.50
2.10
3.70
ns
Figures 1, 7, 8
tPHL
CP to TC (Shift)
(Note 5)
tPLH
Propagation Delay
2.40
4.40
2.40
4.40
2.60
4.70
ns
Figures 1, 9
tPHL
CP to TC (Count)
(Note 5)
tPLH
Propagation Delay
1.40
2.50
1.40
2.50
1.50
2.60
ns
Figures 1, 4
tPHL
MR to Qn, Qn
(Note 5)
tPLH
Propagation Delay
2.80
5.10
2.90
5.20
3.10
5.50
ns
Figures 1, 12
tPHL
MR to TC (Count)
(Note 5)
tPHL
Propagation Delay
2.40
4.00
2.40
4.00
2.50
4.10
ns
Figures 1, 10, 11
MR to TC (Shift)
(Note 5)
tPLH
Propagation Delay
1.80
3.10
1.80
3.10
1.90
3.30
ns
tPHL
D0/CET to TC
Figures 1, 5
tPLH
Propagation Delay
1.90
4.10
1.90
4.10
2.10
4.40
ns
(Note 5)
tPHL
Sn to TC
tTLH
Transition Time
0.35
1.20
0.35
1.20
0.35
1.20
ns
Figures 1, 3
tTHL
20% to 80%, 80% to 20%
tS
Setup Time
D3
1.00
1.00
1.00
Pn
1.50
1.50
1.50
D0/CET
1.30
1.30
1.30
ns
Figures 6, 4
CEP
1.40
1.40
1.40
Sn
3.40
3.40
3.40
MR (Release Time)
2.60
2.60
2.60
tH
Hold Time
D3
0.40
0.40
0.40
Pn
0.30
0.30
0.30
ns
Figure 6
D0/CET
0.30
0.30
0.30
CEP
0.20
0.20
0.20
Sn
0.10
0.10
0.10
tPW(H)
Pulse Width HIGH
2.00
2.00
2.00
ns
Figures 3, 4
CP, MR


Similar Part No. - 100336

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100336 NSC-100336 Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
100336D NSC-100336D Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
100336F NSC-100336F Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
More results

Similar Description - 100336

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100336 NSC-F100336 Datasheet
366Kb / 15P
   LOW POWER 4-STAGE COUNTER/SHIFT REGISTER
100336 NSC-100336 Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A_06 Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A Datasheet
149Kb / 9P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
   100336 Four-Stage Counter/Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com