Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100352PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 100352PC
Description  Low Power 8-Bit Buffer with Cut-Off Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100352PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  100352PC Datasheet HTML 1Page - Fairchild Semiconductor 100352PC Datasheet HTML 2Page - Fairchild Semiconductor 100352PC Datasheet HTML 3Page - Fairchild Semiconductor 100352PC Datasheet HTML 4Page - Fairchild Semiconductor 100352PC Datasheet HTML 5Page - Fairchild Semiconductor 100352PC Datasheet HTML 6Page - Fairchild Semiconductor 100352PC Datasheet HTML 7Page - Fairchild Semiconductor 100352PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Commercial Version (Continued)
PLCC AC Electrical Characteristics
VEE = 4.2V to −5.7V, VCC = VCCA = GND
Note 5: The propagation delay specified is for single output switching. Delays may vary up to 300 ps with multiple outputs switching.
Note 6: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same pack-
aged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite
directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.70
1.80
0.70
1.80
0.70
2.00
ns
Figures 1, 2
tPHL
Dn to Output
(Note 5)
tPZH
Propagation Delay
1.60
4.00
1.60
4.00
1.60
4.00
ns
Figures 1, 2
tPHZ
OEN to Output
1.00
2.50
1.00
2.50
1.00
2.50
(Note 5)
tTLH
Transition Time
0.45
1.90
0.45
1.90
0.45
1.90
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%
tOSHL
Maximum Skew Common Edge
PLCC only
Output-to-Output Variation
230
230
230
ps
(Note 6)
Data to Output Path
tOSLH
Maximum Skew Common Edge
PLCC only
Output-to-Output Variation
240
240
240
ps
(Note 6)
Data to Output Path
tOST
Maximum Skew Opposite Edge
PLCC only
Output-to-Output Variation
350
350
350
ps
(Note 6)
Data to Output Path
tPS
Maximum Skew
PLCC only
Pin (Signal) Transition Variation
350
350
350
ps
(Note 6)
Data to Output Path


Similar Part No. - 100352PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100352 NSC-100352 Datasheet
143Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
FCI connector
10035202-001LF FCI-CONNECTOR-10035202-001LF Datasheet
228Kb / 4P
   SAS RECEPTACLE R/A SMT ASSY
10035202-001TRLF FCI-CONNECTOR-10035202-001TRLF Datasheet
228Kb / 4P
   SAS RECEPTACLE R/A SMT ASSY
10035202-002C-TRLF FCI-CONNECTOR-10035202-002C-TRLF Datasheet
228Kb / 4P
   SAS RECEPTACLE R/A SMT ASSY
10035202-002LF FCI-CONNECTOR-10035202-002LF Datasheet
228Kb / 4P
   SAS RECEPTACLE R/A SMT ASSY
More results

Similar Description - 100352PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100352 NSC-100352 Datasheet
143Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
Fairchild Semiconductor
100354 FAIRCHILD-100354 Datasheet
91Kb / 9P
   Low Power 8-Bit Register with Cut-Off Drivers
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
   Low Power 8-Bit Latch with Cut-Off Drivers
logo
Fairchild Semiconductor
100319 FAIRCHILD-100319 Datasheet
53Kb / 6P
   Low Power Hex Line Driver with Cut-Off
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
   Cut-off Punch
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
   Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
   Cut Off Punch
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
   Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com