Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100354QI Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 100354QI
Description  Low Power 8-Bit Register with Cut-Off Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100354QI Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100354QI Datasheet HTML 1Page - Fairchild Semiconductor 100354QI Datasheet HTML 2Page - Fairchild Semiconductor 100354QI Datasheet HTML 3Page - Fairchild Semiconductor 100354QI Datasheet HTML 4Page - Fairchild Semiconductor 100354QI Datasheet HTML 5Page - Fairchild Semiconductor 100354QI Datasheet HTML 6Page - Fairchild Semiconductor 100354QI Datasheet HTML 7Page - Fairchild Semiconductor 100354QI Datasheet HTML 8Page - Fairchild Semiconductor 100354QI Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
Industrial Version
PLCC DC Electrical Characteristics (Note 7)
VEE=−4.2V to −5.7V, VCC= VCCA= GND, TC=−40°C to +85°C
Note 7: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Note 8: The propagation delay specified is for single output switching. Delays may vary up to 300 ps with multiple outputs switching.
Symbol
Parameter
TC = −40°CTC = 0° to +85°C
Units
Conditions
Min
Max
Min
Max
VOH
Output HIGH Voltage
−1085
−870
−1025
−870
mV
VIN =VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1575
−1830
−1620
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1095
−1035
mV
VIN = VIH (Min)
Loading with
VOLC
Output LOW Voltage
−1565
−1610
or VIL (Max)
50
Ω to −2.0V
VOLZ
Cutoff LOW Voltage
−1900
−1950
mV
VIN = VIH (Min)
OEN
= HIGH
or VIL (Max)
VIH
Input HIGH Voltage
−1170
−870
−1165
−870
mV
Guaranteed HIGH Signal
for All Inputs
VIL
Input LOW Voltage
−1830
−1480
−1830
−1475
mV
Guaranteed LOW Signal
for All Inputs
IIL
Input LOW Current
0.50
0.50
µAV
IN = VIL (Min)
IIH
Input HIGH Current
240
240
µAV
IN = VIH (Max)
IEE
Power Supply Current
Inputs Open
−202
−105
−202
−105
mA
VEE = −4.2V to −4.8V
−209
−105
−209
−105
VEE = −4.2V to −5.7V
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
fMAX
Toggle Frequency
250
250
250
MHz
Figures 1, 4
tPLH
Propagation Delay
1.40
2.80
1.40
2.80
1.50
2.90
ns
Figures 1, 4
tPHL
CP to Output
(Note 8)
tPZH
Propagation Delay
1.50
4.10
1.60
4.00
1.60
4.00
ns
Figures 3, 5
tPHZ
OEN to Output
1.00
2.50
1.00
2.50
1.00
2.50
(Note 8)
tTLH
Transition Time
0.45
1.90
0.45
1.90
0.45
1.90
ns
Figures 1, 4
tTHL
20% to 80%, 80% to 20%
tS
Setup Time
Dn
1.00
1.00
1.00
CEN (Disable Time)
0.30
0.30
0.30
ns
Figures 2, 5
CEN (Release Time)
1.00
1.00
1.00
tH
Hold Time
0.00
0.00
0.00
ns
Figures 1, 6
Dn
tPW(H)
Pulse Width High
2.00
2.00
2.00
ns
Figures 1, 4
CP


Similar Part No. - 100354QI

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10035 3M-10035 Datasheet
30Kb / 1P
   Shielded Bags, Standard and Zipped
logo
List of Unclassifed Man...
10035 ETC2-10035 Datasheet
205Kb / 4P
   Ultra-compact EMC/RFI Filter for Motor Drives Applications
logo
Fairchild Semiconductor
100350 FAIRCHILD-100350 Datasheet
74Kb / 7P
   Low Power Hex D-Type Latch
logo
List of Unclassifed Man...
1003500300 ETC2-1003500300 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
1003503 TURCK-1003503 Datasheet
427Kb / 4P
   Inductive Sensor – With Increased Temperature Range
11/07/2023
More results

Similar Description - 100354QI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
100352 FAIRCHILD-100352 Datasheet
71Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
   Low Power 8-Bit Latch with Cut-Off Drivers
100352 NSC-100352 Datasheet
143Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
Fairchild Semiconductor
100353 FAIRCHILD-100353 Datasheet
77Kb / 8P
   Low Power 8-Bit Register
logo
National Semiconductor ...
100353 NSC-100353 Datasheet
165Kb / 8P
   Low Power 8-Bit Register
logo
Fairchild Semiconductor
100341 FAIRCHILD-100341 Datasheet
94Kb / 9P
   Low Power 8-Bit Shift Register
logo
National Semiconductor ...
100341 NSC-100341 Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com