Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100360QC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 100360QC
Description  Low Power Dual Parity Checker/Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100360QC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100360QC Datasheet HTML 1Page - Fairchild Semiconductor 100360QC Datasheet HTML 2Page - Fairchild Semiconductor 100360QC Datasheet HTML 3Page - Fairchild Semiconductor 100360QC Datasheet HTML 4Page - Fairchild Semiconductor 100360QC Datasheet HTML 5Page - Fairchild Semiconductor 100360QC Datasheet HTML 6Page - Fairchild Semiconductor 100360QC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010611
www.fairchildsemi.com
March 1998
Revised August 2000
100360
Low Power Dual Parity Checker/Generator
General Description
The 100360 is a dual parity checker/generator. Each half
has nine inputs; the output is HIGH when an even number
of inputs are HIGH. One of the nine inputs (Ia or Ib) has the
shorter through-put delay and is therefore preferred as the
expansion input for generating parity for 16 or more bits.
The 100360 also has a Compare (C) output which allows
the circuit to compare two 8-bit words. The C output is
LOW when the two words match, bit for bit. All inputs have
50 k
Ω pull-down resistors.
Features
s Lower power than 100160
s 2000V ESD protection
s Pin/function compatible with 100160
s Voltage compensated operating range
= −4.2V to −5.7V
s Min to Max propagation delay 35% tighter than 100160
s Available to industrial grade temperature range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Truth Table
(Each Half)
Comparator Function
C
= (I
0a ⊕ I1a) + (I2a ⊕ I3a) + (I4a ⊕ I5a) + (I6a ⊕ I7a) +
(I0b ⊕ I1b) + (I2b ⊕ I3b) + (I4b ⊕ I5b) + (I6b ⊕ I7b)
Connection Diagrams
24-Pin DIP
28-Pin PLCC
Order Number
Package Number
Package Description
100360PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100360QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
100360QI
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Industrial Temperature Range (
−40°C to +85°C)
Pin Names
Description
Ia, Ib, Ina, Inb
Data Inputs
Za, Zb
Parity Odd Outputs
C
Compare Output
Sum of
Output
HIGH Inputs
Z
Even
HIGH
Odd
LOW


Similar Part No. - 100360QC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
100360 ETC-100360 Datasheet
688Kb / 3P
   RevPi Core S
Version: EN 1.0
logo
Turck, Inc.
1003600 TURCK-1003600 Datasheet
357Kb / 4P
   Inductive Sensor
11/07/2023
logo
List of Unclassifed Man...
1003600100 ETC2-1003600100 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
1003605 TURCK-1003605 Datasheet
357Kb / 4P
   Inductive Sensor
11/07/2023
More results

Similar Description - 100360QC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
logo
Texas Instruments
CY5474FCT480T TI-CY5474FCT480T Datasheet
82Kb / 8P
[Old version datasheet]   Dual 8-Bit Parity Generator/Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com