Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLZ1005W Datasheet(PDF) 9 Page - TDK Electronics

Part # MLZ1005W
Description  Inductors for Decoupling Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ1005W Datasheet(HTML) 9 Page - TDK Electronics

Back Button MLZ1005W Datasheet HTML 3Page - TDK Electronics MLZ1005W Datasheet HTML 4Page - TDK Electronics MLZ1005W Datasheet HTML 5Page - TDK Electronics MLZ1005W Datasheet HTML 6Page - TDK Electronics MLZ1005W Datasheet HTML 7Page - TDK Electronics MLZ1005W Datasheet HTML 8Page - TDK Electronics MLZ1005W Datasheet HTML 9Page - TDK Electronics MLZ1005W Datasheet HTML 10Page - TDK Electronics MLZ1005W Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
• All specifications are subject to change without notice.
002-06 / 20120514 / e533_mlz
(8/10)
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value). The maximum operating temperature at this time is 105°C.
• Test equipment
Inductance: Ag4294A-16034G
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
Classification
Part No.
Inductance
(µH)
Inductance
tolerance
Thickness
(mm)
Test
frequency
L (MHz)
Test
current
L (mA)
Self-resonant
frequency
(MHz)typ.
DC
resistance
(
 )±30%
Rated
current1
(mA)
Rated
current2
(mA)
High frequency
type
MLZ2012DR10DT
0.10
±20%
0.85
25
1.0
500
0.07
1000
1150
MLZ2012DR22DT
0.22
±20%
0.85
25
1.0
330
0.13
800
900
MLZ2012DR47DT
0.47
±20%
1.25
25
1.0
230
0.18
550
700
IDC-UP
type
MLZ2012A1R0WT
1.00
±20%
0.85
10
1.0
160
0.10
280
900
MLZ2012A1R5WT
1.50
±20%
0.85
10
1.0
140
0.13
250
750
MLZ2012A2R2WT
2.20
±20%
0.85
10
1.0
120
0.15
210
650
MLZ2012A3R3WT
3.30
±20%
0.85
10
1.0
90
0.34
200
450
MLZ2012M4R7WT
4.70
±20%
0.85
2
0.1
70
0.30
180
500
MLZ2012M6R8WT
6.80
±20%
1.25
2
0.1
60
0.40
160
400
MLZ2012M100WT
10.0
±20%
1.25
2
0.1
50
0.47
150
350
MLZ2012M150WT
15.0
±20%
1.25
2
0.1
40
0.95
120
250
MLZ2012M220WT
22.0
±20%
1.25
2
0.1
35
2.00
60
220
MLZ2012M330WT
33.0
±20%
1.25
2
0.1
28
2.60
55
190
MLZ2012M470WT
47.0
±20%
1.25
2
0.1
20
3.70
50
170
Low-resistance
type
MLZ2012N1R0LT
1.00
±20%
0.85
2
0.1
160
0.06
220
1150
MLZ2012N1R5LT
1.50
±20%
0.85
2
0.1
140
0.10
190
900
MLZ2012N2R2LT
2.20
±20%
0.85
2
0.1
120
0.12
170
800
MLZ2012N3R3LT
3.30
±20%
0.85
2
0.1
90
0.15
130
750
MLZ2012N4R7LT
4.70
±20%
0.85
2
0.1
70
0.18
130
600
MLZ2012N6R8LT
6.80
±20%
0.85
2
0.1
60
0.25
110
550
MLZ2012N100LT
10.0
±20%
1.25
2
0.1
50
0.30
110
500
MLZ2012N150LT
15.0
±20%
1.25
2
0.1
40
0.47
90
350
MLZ2012N220LT
22.0
±20%
1.25
2
0.1
40
0.67
70
300
MLZ2012N101LT
100.0
±20%
1.25
2
0.1
12
3.50
30
140
0.5±0.3
0.5±0.3
2.0±0.2
T(Thickness)
0.85±0.2
1.25±0.2
Weight(mg)
10
14
1.0
0.8
0.8
Dimensions in mm
0.01
0.1
10
1
1
10
100
1000
Frequency(MHz)
R47
R10
E4991A+16192
0.01
0.1
1000
10
100
1
1
10
100
1000
Frequency(MHz)
470W
100W
2R2W
E4991A+16192
0.01
0.1
100
10
1
1
10
100
1000
Frequency(MHz)
100L
2R2L
4R7L
E4991A+16192


Similar Part No. - MLZ1005W

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ1005 TDK-MLZ1005 Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ1005M1R0WT TDK-MLZ1005M1R0WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
MLZ1005M1R0WT000 TDK-MLZ1005M1R0WT000 Datasheet
157Kb / 3P
   Inductors (Coils)
MLZ1005M1R5WT TDK-MLZ1005M1R5WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
MLZ1005M1R5WT000 TDK-MLZ1005M1R5WT000 Datasheet
155Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLZ1005W

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com