Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF10N60NZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDPF10N60NZ
Description  These N-Channel enhancement mode power field effect transistors are produced using Fairchild?셲 proprietary, planar stripe, DMOS technology.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF10N60NZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDPF10N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 8Page - Fairchild Semiconductor FDPF10N60NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.fairchildsemi.com
5
FDP10N60NZ / FDPF10N60NZ Rev. A
10
-5
10
-4
10
-3
10
-2
10
-1
110
0.001
0.01
0.1
1
5
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZJC(t) = 3.3
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
Typical Performance Characteristics (Continued)
Figure 12. Transient
Thermal
Response Curve
-FDP10N60NZ
10
-5
10
-4
10
-3
10
-2
10
-1
110
0.005
0.01
0.1
1
2
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZJC(t) = 0.68
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2
Figure 13. Transient
Thermal
Response Curve
-FDPF10N60NZ
t1
PDM
t2


Similar Part No. - FDPF10N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF10N60NZ FAIRCHILD-FDPF10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
logo
VBsemi Electronics Co.,...
FDPF10N60NZ VBSEMI-FDPF10N60NZ Datasheet
1Mb / 10P
   N-Channel 65 0V (D-S)Power MOSFET
More results

Similar Description - FDPF10N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD6N50C FAIRCHILD-FQD6N50C Datasheet
687Kb / 9P
   These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary planar stripe, DMOS technology
logo
Shanghai Leiditech Elec...
LM6911 LEIDITECH-LM6911 Datasheet
1Mb / 5P
   These P-Channel enhancement mode power field effect transistors are using trench DMOS technology
logo
SHIKUES Electronics
SDW3045 SKTECHNOLGY-SDW3045 Datasheet
1,003Kb / 5P
   N-Channel enhancement mode power field effect transistors are using trench DMOS technology
SDW2065 SKTECHNOLGY-SDW2065 Datasheet
963Kb / 5P
   These dual N Channel enhancement mode power fieldeffect transistors are using trench DMOS technology.
logo
Stanson Technology
STN4488L STANSON-STN4488L Datasheet
644Kb / 7P
   STN4488L is the N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
   STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
   STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
   STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STN9926 STANSON-STN9926 Datasheet
648Kb / 7P
   The STN9926 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
logo
ACE Technology Co., LTD...
ACE632 ACE-ACE632 Datasheet
1Mb / 11P
   The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com