Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7090-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7090-3
Description  3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7090-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7090-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7090-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7090-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
The information contained in this document is accurate to the best of our knowledge and representative of the part described
herein. It may be necessary to make modifications to the part and/or the documentation of the part, in order to implement improve-
ments. Pasternack reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal.
TECHNICAL DATA SHEET
© 2012 Pasternack Enterprises All Rights Reserved
40 GHz 2.92mm Attenuator
The Pasternack PE7090 attenuator series is designed with stainless steel 2.92mm connectors for excellent performance
to 40 GHz and 2 Watts. This high frequency attenuator family has a stainless steel round body and coupling nut with gold
plated BeCu (Beryllium Copper) contacts. The high performance 40 GHz attenuator line is available in 3 dB, 6 dB, 10 dB,
15 dB, 20 dB and 30 dB attenuation values for millimeter wave applications.
• DC to 40 GHz
• 2 Watt average power
• Passivated Stainless Steel body and coupling nut
• Gold plated BeCu contacts
Configuration
Connector 1
2.92mm Male
Connector 2
2.92mm Female
Frequency Range (GHz)
DC to 40
Body Material and Plating
Stainless Steel, Passivated
Design
Fixed
ElectricalSpecifications
Frequency Range (GHz)
DC to 40
Impedance (Ohms)
50
Power, Max Input (Watts)
2
Standard Attenuation Values (dB)
3
VSWR Max
1.4:1
Frequency 1
Range (GHz)
DC to 18
Attenuation Accuracy (GHz)
0.5
VSWR
1.3:1
Frequency 2
Range (GHz)
18 to 26.5
Attenuation Accuracy (dB)
0.5
VSWR
1.4:1
Frequency 3
Range (GHz)
26.5 to 40
Attenuation Accuracy (dB)
0.8
VSWR
1.4:1
3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless
Steel Body Rated To 2 Watts Up To 40 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2
Watts Up To 40 GHz PE7090-3
PE7090-3 REV
PE7090-3


Similar Part No. - PE7090-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7090-3 PASTERNACK-PE7090-3 Datasheet
235Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7090-30 PASTERNACK-PE7090-30 Datasheet
235Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7090-3 PASTERNACK-PE7090-3_16 Datasheet
235Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results

Similar Description - PE7090-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7090-20 PASTERNACK-PE7090-20 Datasheet
353Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-10 PASTERNACK-PE7090-10 Datasheet
352Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-15 PASTERNACK-PE7090-15 Datasheet
353Kb / 3P
   15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7046-3 PASTERNACK-PE7046-3 Datasheet
241Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7024-3 PASTERNACK-PE7024-3 Datasheet
245Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 2 Watts Up To 26.5 GHz
PE7088-2 PASTERNACK-PE7088-2 Datasheet
358Kb / 3P
   2 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
PE7088-3 PASTERNACK-PE7088-3 Datasheet
359Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
PE7024-2 PASTERNACK-PE7024-2 Datasheet
245Kb / 3P
   2 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 2 Watts Up To 26.5 GHz
PE7046-30 PASTERNACK-PE7046-30 Datasheet
240Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-10 PASTERNACK-PE7046-10 Datasheet
240Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com