Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5239B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N5239B
Description  Absolute Maximum Ratings
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5239B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N5239B Datasheet HTML 1Page - Fairchild Semiconductor 1N5239B Datasheet HTML 2Page - Fairchild Semiconductor 1N5239B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (continued)
TA = 25°C unless otherwise noted
@
@
@
Device
VZ
(V)
ZZ
(
Ω)
IZT
(mA)
ZZK
(
Ω)
IZK
(mA)
VR
(V)
IR
(nA)
TC
(%/
°C)
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
13
14
15
16
17
13
15
16
17
19
9.5
9.0
8.5
7.8
7.4
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
9.9
10
11
12
13
500
100
100
100
100
0.079
0.082
0.082
0.083
0.084
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
18
19
20
22
24
21
23
25
29
33
7.0
6.6
6.2
5.6
5.2
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
14
14
15
17
18
100
100
100
100
100
0.085
0.086
0.086
0.087
0.088
1N5253B
1N5254B
1N5255B
1N5256B
1N5257B
25
27
28
30
33
35
41
44
49
58
5.0
4.6
4.5
4.2
3.8
600
600
600
600
700
0.25
0.25
0.25
0.25
0.25
19
21
21
23
25
100
100
100
100
100
0.089
0.090
0.091
0.091
0.092
VF Foward Voltage = 1.1 V Maximum @ IF = 200 mA for all 1N5200 series
NOTE: National preferred devices in BOLD
Series Zener
(continued)


Similar Part No. - 1N5239B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5239B VISHAY-1N5239B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5239B MCC-1N5239B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5239B VISHAY-1N5239B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Pan Jit International I...
1N5239B PANJIT-1N5239B Datasheet
81Kb / 3P
   SILICON ZENER DIODES
logo
Vishay Siliconix
1N5239B VISHAY-1N5239B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Similar Description - 1N5239B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
   ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
   Absolute Maximum Ratings
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
2N1924 NJSEMI-2N1924 Datasheet
675Kb / 2P
   absolute maximum ratings
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com