Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3391A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N3391A
Description  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3391A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N3391A Datasheet HTML 1Page - Fairchild Semiconductor 2N3391A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discrete POWER & Signal
Technologies
NPN General Purpose Amplifier
2N3390
2N3391
2N3391A
2N3392
2N3393
This device is designed for use as general purpose amplifiers
and switches requiring collector currents to 300 mA. Sourced
from Process 10. See PN100A for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
25
V
VCBO
Collector-Base Voltage
25
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
2N3390 / 3391/A / 3392 / 3393
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
B
C
E
TO-92
© 1997 Fairchild Semiconductor Corporation
3390-93, Rev B


Similar Part No. - 2N3391A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3391A CENTRAL-2N3391A Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
2N3391A FAIRCHILD-2N3391A Datasheet
297Kb / 7P
   NPN General Purpose Amplifier
logo
New Jersey Semi-Conduct...
2N3391A NJSEMI-2N3391A Datasheet
70Kb / 2P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
2N3391A CENTRAL-2N3391A Datasheet
329Kb / 2P
   SILICON NPN TRANSISTORS
2N3391A CENTRAL-2N3391A_15 Datasheet
329Kb / 2P
   SILICON NPN TRANSISTORS
More results

Similar Description - 2N3391A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com