Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBR-06-250 Datasheet(PDF) 1 Page - Major League Electronics

Part # TBR-06-250
Description  .250cl Rising Clamp Terminal Block Interlock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TBR-06-250 Datasheet(HTML) 1 Page - Major League Electronics

  TBR-06-250 Datasheet HTML 1Page - Major League Electronics TBR-06-250 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.250cl Rising Clamp Terminal Block
Interlock
TBR-06-250-XX-XX-LF
04 DEC 08
Major League Electronics .250 cl Rising Clamp Terminal Blocks
A
A
No. of Positions
TBR-06-
XX
Ordering Information
-
02 - 24
250 -
Pitch
250 = .250 (6.35) cl
XX
Color
GR = Green (Standard)
BK = Black
BL = Blue
WH = White
GY = Grey
OR = Orange
YW = Yellow
RD = Red
BR = Brown
- LF
Lead Free
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specifications
Current Rating: 20 Ampere
Voltage Rating: AC 250V
Wire Range: 10-24 AWG
Dielectric Withstanding Voltage: AC 2500V/1 minute
Insulation Resistance: DC 500V 500MΩ
Operating Temperature: -33°C to + 105°C
Max Torque: 3.47 lb-in (4.0kgf. cm)
Strip Length: .236-.354 (6-9mm)
Materials
1. Body: PA66 (Nylon), UL94 V-0
2. Screw: M3.0, C1018 Steel, Zinc Plated
3. Terminal: H62, HV110-130, Tin Plated
4. Contact: H65, HV110-135, Nickel Plated
Parts are subject to change without notice


Similar Part No. - TBR-06-250

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TBR-06-197 MAJOR-LEAGUE-TBR-06-197 Datasheet
111Kb / 1P
   Recommended P.C.B. Layout
More results

Similar Description - TBR-06-250

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TBR-04-197 MAJOR-LEAGUE-TBR-04-197 Datasheet
82Kb / 2P
   .197cl Rising Clamp Terminal Block Interlock
TBR-03-197 MAJOR-LEAGUE-TBR-03-197 Datasheet
79Kb / 2P
   .197cl Rising Clamp Terminal Block Interlock
TBR-00-197 MAJOR-LEAGUE-TBR-00-197 Datasheet
77Kb / 2P
   .197cl Rising Clamp Terminal Block 35 Angle, Interlock
logo
List of Unclassifed Man...
PA350 ETC-PA350 Datasheet
352Kb / 1P
   RISING CLAMP TERMINAL BLOCK
CTB04VY ETC2-CTB04VY Datasheet
172Kb / 1P
   6.35mm Pitch Power Terminal Rising Clamp Terminal
logo
CamdenBoss Ltd.
CTBP2054 CAMDENBOSS-CTBP2054 Datasheet
536Kb / 1P
   2.54mm pitch rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
   5mm pitch pluggable rising clamp terminal blocks
CTBP9558 CAMDENBOSS-CTBP9558 Datasheet
745Kb / 2P
   7.62mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
   5mm pitch pluggable rising clamp terminal blocks
CTBP92VD CAMDENBOSS-CTBP92VD Datasheet
766Kb / 2P
   3.5mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com