Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5687 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5687
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5687 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5687 Datasheet HTML 4Page - Analog Devices AD5687 Datasheet HTML 5Page - Analog Devices AD5687 Datasheet HTML 6Page - Analog Devices AD5687 Datasheet HTML 7Page - Analog Devices AD5687 Datasheet HTML 8Page - Analog Devices AD5687 Datasheet HTML 9Page - Analog Devices AD5687 Datasheet HTML 10Page - Analog Devices AD5687 Datasheet HTML 11Page - Analog Devices AD5687 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5689/AD5687
Data Sheet
Rev. 0 | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VLOGIC to GND
−0.3 V to +7 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREF to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VLOGIC + 0.3 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
125°C
16-Lead TSSOP, θJA Thermal Impedance,
0 Airflow (4-Layer Board)
112.6°C/W
16-Lead LFCSP, θJA Thermal Impedance,
0 Airflow (4-Layer Board)
70°C/W
Reflow Soldering Peak Temperature,
Pb Free (J-STD-020)
260°C
ESD1
4 kV
FICDM
1.5 kV
1
Human body model (HBM) classification.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5687

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5687R AD-AD5687R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5687RBCPZ-RL7 AD-AD5687RBCPZ-RL7 Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5687RBRUZ AD-AD5687RBRUZ Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5687RBRUZ-RL7 AD-AD5687RBRUZ-RL7 Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
More results

Similar Description - AD5687

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5025 AD-AD5025_16 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5683R AD-AD5683R Datasheet
882Kb / 28P
   Tiny 16-/14-/12-Bit SPI nanoDAC
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
   Dual, 16-/12-Bit nanoDAC
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com