Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5906-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5906-EVALZ
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADL5906-EVALZ Datasheet HTML 1Page - Analog Devices ADL5906-EVALZ Datasheet HTML 2Page - Analog Devices ADL5906-EVALZ Datasheet HTML 3Page - Analog Devices ADL5906-EVALZ Datasheet HTML 4Page - Analog Devices ADL5906-EVALZ Datasheet HTML 5Page - Analog Devices ADL5906-EVALZ Datasheet HTML 6Page - Analog Devices ADL5906-EVALZ Datasheet HTML 7Page - Analog Devices ADL5906-EVALZ Datasheet HTML 8Page - Analog Devices ADL5906-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 4 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
1900 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C
66
dB
Maximum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
6
dBm
Minimum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C, VTADJ = 0.35 V
−40°C < TA < +85°C; PIN = 0 dBm
−0.8/+0.2
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.8/+0.5
dB
−55°C < TA < +125°C; PIN = 0 dBm
−1.4/+0.2
dB
−55°C < TA < +125°C; PIN = −45 dBm
−1.2/+0.9
dB
Logarithmic Slope
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
57
mV/dB
Logarithmic Intercept
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
−65
dBm
2140 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C
67
dB
Maximum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
7
dBm
Minimum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C, VTADJ = 0.35 V
−40°C < TA < +85°C; PIN = 0 dBm
−0.8/+0.3
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.8/+0.6
dB
−55°C < TA < +125°C; PIN = 0 dBm
−1.3/+0.3
dB
−55°C < TA < +125°C; PIN = −45 dBm
−1.2/+0.9
dB
Logarithmic Slope
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
56
mV/dB
Logarithmic Intercept
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
−65
dBm
Deviation from CW Response
(−45 dBm to −5 dBm)
12.16 dB peak-to-rms ratio (four-carrier W-CDMA)
−0.1
dB
11.58 dB peak-to-rms ratio (LTE TM1, one-carrier, 20 MHz
bandwidth)
0.1
dB
10.56 dB peak-to-rms ratio (one-carrier W-CDMA)
0.1
dB
7.4 dB peak-to-rms ratio (64 QAM)
−0.1
dB
2600 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C
68
dB
Maximum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
8
dBm
Minimum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C, VTADJ = 0.4 V
−40°C < TA < +85°C; PIN = 0 dBm
−0.9/+0.3
dB
−40°C < TA < +85°C; PIN = −45 dBm
−1/+0.5
dB
−55°C < TA < +125°C; PIN = 0 dBm
−1.4/+0.3
dB
−55°C < TA < +125°C; PIN = −45 dBm
−1.4/+0.8
dB
Logarithmic Slope
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
55
mV/dB
Logarithmic Intercept
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
−65
dBm
3500 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C
65
dB
Maximum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
5
dBm
Minimum Input Level, ±1.0 dB
Calibration at −55 dBm, −40 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C, VTADJ = 0.45 V
−40°C < TA < +85°C; PIN = 0 dBm
−1.5/0
dB
−40°C < TA < +85°C; PIN = −45 dBm
−1/+0.3
dB
−55°C < TA < +125°C; PIN = 0 dBm
−1.5/0
dB
−55°C < TA < +125°C; PIN = −45 dBm
−1.4/+0.4
dB
Logarithmic Slope
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
52
mV/dB
Logarithmic Intercept
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
−64
dBm


Similar Part No. - ADL5906-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Similar Description - ADL5906-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
   200 MHz to 6 GHz 35 dB TruPwr??Detector
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
   1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com