Electronic Components Datasheet Search |
|
PDM2-S5-S12-S Datasheet(PDF) 3 Page - CUI INC |
|
PDM2-S5-S12-S Datasheet(HTML) 3 Page - CUI INC |
3 / 6 page cui.com CUI Inc │ SERIES: PDM2-S │ DESCRIPTION: DC-DC CONVERTER date 03/18/2013 │ page 3 of 6 ∅1.00 [0.039] Front View Bottom View Top View PCB Layout 1 2 56 4 Grid Size: 2.54mm x 2.54mm 19.60[0.772] 10.00[0.394] 4.10 [0.161] 2.54 [0.100] 0.30 [0.012] 45 1 7.00 [0.276] 0.50 [0.020] 2 0.50 [0.020] 0.90 [0.035] 6 10.16[0.400] MECHANICAL parameter conditions/description min typ max units dimensions 19.60 x 7.00 x 10.00 (0.772 x 0.276 x 0.394 inch) mm case material plastic (UL94-V0) weight 2.4 g PIN CONNECTIONS PIN Single Output Dual Output 1 Vin Vin 2 GND GND 4 0V -Vo 5 No Pin 0V 6 +Vo +Vo MECHANICAL DRAWING units: mm[inch] tolerance: ±0.25[±0.010] pin section tolerance: ±0.10[±0.004] parameter conditions/description min typ max units hand soldering 1.5 mm from case for 10 seconds 300 °C wave soldering see wave soldering profile 260 °C SOLDERABILITY 10 Sec. Max. Wave Soldering Time 4 Sec. Max. Peak Temp. 260°C Max. Time (sec.) 250 200 150 100 50 0 |
Similar Part No. - PDM2-S5-S12-S |
|
Similar Description - PDM2-S5-S12-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |