Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5089 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 2N5089
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5089 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  2N5089 Datasheet HTML 1Page - Fairchild Semiconductor 2N5089 Datasheet HTML 2Page - Fairchild Semiconductor 2N5089 Datasheet HTML 3Page - Fairchild Semiconductor 2N5089 Datasheet HTML 4Page - Fairchild Semiconductor 2N5089 Datasheet HTML 5Page - Fairchild Semiconductor 2N5089 Datasheet HTML 6Page - Fairchild Semiconductor 2N5089 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Characteristics (continued)
Contours of Constant
Narrow Band Noise Figure
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (
A)
µ
C
V
= 5.0 V
f = 1.0 kHz
BANDWIDTH
= 200 Hz
CE
6.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
Contours of Constant
Narrow Band Noise Figure
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (
A)
µ
C
V
= 5.0 V
f = 100 Hz
BANDWIDTH
= 20 Hz
CE
3.0 dB
4.0 dB
8.0 dB
10 dB
12 dB
14 dB
6.0 dB
Contours of Constant
Narrow Band Noise Figure
1
10
100
1000
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
6.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
1.0 dB
C
V
= 5.0V
f = 10kHz
BANDWIDTH
= 2.0kHz
CE
µ
Contours of Constant
Narrow Band Noise Figure
0.01
0.1
1
10
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
7.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
5.0
dB
C
V
=
5.0V
CE
µ
f = 1.0 MHz
BANDWIDTH
= 200kHz
6.0
dB
NPN General Purpose Amplifier
(continued)


Similar Part No. - 2N5089

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
281Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Samsung semiconductor
2N5089 SAMSUNG-2N5089 Datasheet
32Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
2N5089 MICRO-ELECTRONICS-2N5089 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
153Kb / 8P
   Amplifier Transistors
November, 2001 ??Rev. 1
logo
Central Semiconductor C...
2N5089 CENTRAL-2N5089 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
More results

Similar Description - 2N5089

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com