Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQMC1-D12-S5-S Datasheet(PDF) 3 Page - CUI INC

Part # PQMC1-D12-S5-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQMC1-D12-S5-S Datasheet(HTML) 3 Page - CUI INC

  PQMC1-D12-S5-S Datasheet HTML 1Page - CUI INC PQMC1-D12-S5-S Datasheet HTML 2Page - CUI INC PQMC1-D12-S5-S Datasheet HTML 3Page - CUI INC PQMC1-D12-S5-S Datasheet HTML 4Page - CUI INC PQMC1-D12-S5-S Datasheet HTML 5Page - CUI INC PQMC1-D12-S5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PQMC1-S │ DESCRIPTION: DC-DC CONVERTER
date 03/20/2013
│ page 3 of 6
parameter
conditions/description
min
typ
max
units
surge
IEC/EN61000-4-5, class B, ± 2kV (external circuit required, see Figure 1-a)
conducted immunity
IEC/EN61000-4-6, class A, 3 Vr.m.s
voltage dips & interruptions
IEC/EN61000-4-29, class B, 0%-70%
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS compliant
yes
23
56
78
1
23
56
78
1
Front View
Bottom View
Top View
PCB Layout
Grid Size:
2.54mm x 2.54mm
2.54[0.100]
4.10 [0.161]
22.00 [0.866]
0.50[0.020]
17.78 [0.700]
Ø1.00 [0.039]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
22.00 x 9.50 x 12.00 (0.866 x 0.374 x 0.472 inch)
mm
case material
plastic (UL94-V0)
weight
4.92
g
PIN CONNECTIONS
PIN
Single Output
Dual Output
1
GND
GND
2
Vin
Vin
3
CTRL
CTRL
5
NC
NC
6
+Vo
+Vo
7
0V
0V
8
CS
-Vo
MECHANICAL DRAWING
units: mm[inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering
see wave soldering profile
260
°C
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load, Ta=25°C
25
°C
SOLDERABILITY
ENVIRONMENTAL
SAFETY AND COMPLIANCE (CONTINUED)


Similar Part No. - PQMC1-D12-S5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQMC1-D12-S5-S CUI-PQMC1-D12-S5-S Datasheet
951Kb / 6P
   DC-DC CONVERTER
07/07/2021
More results

Similar Description - PQMC1-D12-S5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com