Electronic Components Datasheet Search |
|
PQMC1-D24-S5-S Datasheet(PDF) 5 Page - CUI INC |
|
PQMC1-D24-S5-S Datasheet(HTML) 5 Page - CUI INC |
5 / 6 page cui.com CUI Inc │ SERIES: PQMC1-S │ DESCRIPTION: DC-DC CONVERTER date 03/20/2013 │ page 5 of 6 1. Output load requirement To ensure this module can operate efficiently and reliably, the minimum output load may not be less than 5% of the full load during operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load. 2. Recommended circuit This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be tested under load (see Figure 2). If you want to further decrease the input/output ripple, you can increase the capacitance accordingly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be appropriate. If the capacitance is too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the maximum capaci- tance must be less than the maximum capacitive load (see Table 1). 3. CTRL Terminal When open or applied high impedance, the converter will turn on. When it’s pulled high, the converter will shutdown. The input cur- rent should between 5-10mA. Exceeding the maximum 20mA will cause permanent damage to the converter. The value for R can be derived as follows: 4. Input Current When it is used in an unregulated condition, make sure that the input fluctuations and ripple voltage do not exceed the module stan- dard. Refer to Figure 3 for the startup current of this dc-dc module. APPLICATION NOTES Figure 2 Figure 3 Table 1 Vin (Vdc) Cin (µF) Lin (µH) Cs1 (µF) Cout (µF) Lout2 (µH) Cd (nF/V) 5 100 4.7-120 10-22 100 2.2-10 47/100 12 100 4.7-120 10-22 100 2.2-10 47/100 24 10 4.7-120 10-22 100 2.2-10 47/100 48 10 4.7-120 10-22 100 2.2-10 47/100 Dual output Single output Note: 1. For single output only 2. For dual output only 300 0 . 1 − − − = C D C I V V R Note: 1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may not meet all specifications listed. 2. Maximum capacitive load is tested at input voltage range and full load. 3. All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. Range InputVoltage InputVoltage (V) Ip Vin (Vdc) Ip (mA) 5 490 12 230 24 110 48 53 |
Similar Part No. - PQMC1-D24-S5-S |
|
Similar Description - PQMC1-D24-S5-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |