Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSHSM-6-DV Datasheet(PDF) 1 Page - Major League Electronics

Part # TSHSM-6-DV
Description  Terminal Strip Headers - Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TSHSM-6-DV Datasheet(HTML) 1 Page - Major League Electronics

  TSHSM-6-DV Datasheet HTML 1Page - Major League Electronics TSHSM-6-DV Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Terminal Strip Headers - Surface Mount
TSHSM-6-DV SERIES
05 FEB 07
Major League Electronics .050x.100 cl Terminal Strip Headers - Surface Mount - Vertical - Custom
Row Specification
D = Dual Row
Pins Per Row
TSHSM-6 XX
D
XX
Ordering Information
XX
LF
01 - 40
Lead Free
Packing Information
TR-P = Tape and Reel with Plastic Pick and Place pad
TB-P = Tube with Plastic Pick and Place pad
TB-0 = Tube without Pick and Place Pad
If left blank, packaging at MLE's discretion
Pad may be metal, mylar or plastic
XX
X
XXX
Pin Options
Post Height
04
2.54mm
.100
06
3.18mm
.125
08
4.83mm
.190
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
10
5.13mm
.205
12
5.84mm
.230
14
7.24mm
.285
16
8.51mm
.335
18
9.91mm
.390
20
10.29mm
.405
22
10.92mm
.430
24
12.32mm
.485
26
13.59mm
.535
Vertical
28
15.37mm
.605
30
16.64mm
.655
V
Plating Options
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
G
30µ Gold on Contact Area / Matte Tin on Tail
H
10µ Gold on Contact Area / Flash on Tail
Gold Flash over Entire Pin
F
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specifications
Current Rating: 1.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 300V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 10 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Reflow: 260°C up to 10 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1.27) Ni
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
LSSHS,
SMSS,
SSHS


Similar Part No. - TSHSM-6-DV

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TSHSM-6-SM MAJOR-LEAGUE-TSHSM-6-SM Datasheet
114Kb / 2P
   Terminal Strip Headers - Surface Mount
TSHSM-6-SS MAJOR-LEAGUE-TSHSM-6-SS Datasheet
111Kb / 2P
   Terminal Strip Headers - Surface Mount
More results

Similar Description - TSHSM-6-DV

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TSHSM-6-SM MAJOR-LEAGUE-TSHSM-6-SM Datasheet
114Kb / 2P
   Terminal Strip Headers - Surface Mount
TSHSM-6-SS MAJOR-LEAGUE-TSHSM-6-SS Datasheet
111Kb / 2P
   Terminal Strip Headers - Surface Mount
TSHSCM-2-SM MAJOR-LEAGUE-TSHSCM-2-SM Datasheet
371Kb / 1P
   .079 cl Single Row - Surface Mount Terminal Strip Headers - Vertical
TSHSCM-2-SS MAJOR-LEAGUE-TSHSCM-2-SS Datasheet
371Kb / 1P
   .079 cl Single Row - Surface Mount Terminal Strip Headers - Vertical
TSHSM-2-SH MAJOR-LEAGUE-TSHSM-2-SH Datasheet
93Kb / 2P
   .079 cl Single Row - Surface Mount Terminal Strip Headers - Horizontal
TSHSM-2-DH MAJOR-LEAGUE-TSHSM-2-DH Datasheet
260Kb / 1P
   .079 cl Dual Row - Surface Mount Terminal Strip Headers - Horizontal
TSHSM-2-SS MAJOR-LEAGUE-TSHSM-2-SS Datasheet
347Kb / 1P
   .079 cl Single Row - Surface Mount Terminal Strip Headers - Vertical
TSHSM-7-DV MAJOR-LEAGUE-TSHSM-7-DV Datasheet
84Kb / 2P
   .039 cl Dual Row - Surface Mount Terminal Strip Headers - Vertical
TSHSM-5-DV MAJOR-LEAGUE-TSHSM-5-DV Datasheet
236Kb / 1P
   .050x.050 cl Dual Row - Surface Mount Terminal Strip Headers
TSHSM-2-DV MAJOR-LEAGUE-TSHSM-2-DV Datasheet
357Kb / 1P
   .079 cl Dual Row - Surface Mount Terminal Strip Headers - Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com