Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L016 Datasheet(PDF) 4 Page - Littelfuse

Part # 1206L016
Description  The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L016 Datasheet(HTML) 4 Page - Littelfuse

  1206L016 Datasheet HTML 1Page - Littelfuse 1206L016 Datasheet HTML 2Page - Littelfuse 1206L016 Datasheet HTML 3Page - Littelfuse 1206L016 Datasheet HTML 4Page - Littelfuse 1206L016 Datasheet HTML 5Page - Littelfuse 1206L016 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
30
Revised: April 24, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
1206L Series
Surface Mount > 1206L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1206L.html for current information.
Dimensions
Part
Number
AB
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min
Max
Min Max
Min
Max
Min Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
1206L012
0.12
0.13
3
3.4
0.06 0.07
1.5
1.8
0.03 0.06 0.65 1.45
0.01
0.03
0.25
0.75 0.002 0.018
0.05
0.45
1206L016
0.03 0.06 0.65 1.45
1206L020
0.02 0.04 0.5
1
1206L025
0.02 0.04 0.5
1
1206L035
0.02 0.03 0.45 0.75
1206L035/16
0.02 0.03 0.45 0.75
1206L050
0.02 0.03 0.45 0.75
1206L050/15
0.02 0.03 0.45 0.75
1206L075/13.2
0.03 0.05 0.75 1.25
1206L075TH
0.02 0.03 0.45 0.75
1206L110TH
0.13
3.4
0.01 0.02 0.30 0.60
1206L150TH
0.02 0.04 0.50
1
1206L175
0.03 0.08 0.80 1.8
1206L200
0.03 0.07 0.80 1.6
C
Top
View
Pad
Layout
Side
View
Bottom
View
1.80 mm
(.071)
1.80 mm
(.071)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE ELECTRICAL CHARACTERISTICS CHART)
SHOWN IS 1.0 AMP RATING
E
A
B
N
N


Similar Part No. - 1206L016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L016 LITTELFUSE-1206L016 Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L016 LITTELFUSE-1206L016 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L016 LITTELFUSE-1206L016 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L016 LITTELFUSE-1206L016 Datasheet
395Kb / 5P
   1206L Series
1206L016 LITTELFUSE-1206L016 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results

Similar Description - 1206L016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L005WR LITTELFUSE-1210L005WR Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0402L LITTELFUSE-0402L Datasheet
815Kb / 5P
   The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
logo
TEMEX
ROX2525S4 TEMEX-ROX2525S4 Datasheet
468Kb / 2P
   The ROX2525S4 OCXO is a perfect choice where performance versus space is at a premium
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51B0 MURATA1-PTGL07AS121M0N51B0_V01 Datasheet
335Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com