Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L200 Datasheet(PDF) 1 Page - Littelfuse

Part # 1206L200
Description  The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L200 Datasheet(HTML) 1 Page - Littelfuse

  1206L200 Datasheet HTML 1Page - Littelfuse 1206L200 Datasheet HTML 2Page - Littelfuse 1206L200 Datasheet HTML 3Page - Littelfuse 1206L200 Datasheet HTML 4Page - Littelfuse 1206L200 Datasheet HTML 5Page - Littelfuse 1206L200 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
27
Revised: April 24, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
1206L Series
Surface Mount > 1206L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1206L.html for current information.
1206L Series
The 1206L Series PTC provides surface mount overcurrent
protection for applications where space is at a premium
and resettable protection is desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
typ.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
1206L012
A
0.125
0.29
30
100
0.6
1.00
0.20
1.500
6.00
X
X
1206L016
B
0.16
0.37
30
100
0.6
1.00
0.30
1.200
4.50
X
X
1206L020
1
C
0.20
0.42
24
100
0.6
8.00
0.10
0.650
2.60
X
X
1206L025
1
D
0.25
0.50
16
100
0.6
8.00
0.08
0.550
2.30
X
X
1206L035
1
E
0.35
0.75
6
100
0.6
8.00
0.10
0.300
1.20
X
X
1206L035/16
J
0.35
0.75
16
100
0.6
8.00
0.10
0.300
1.20
X
X
1206L050
1
F
0.50
1.00
6
100
0.6
8.00
0.10
0.150
0.70
X
X
1206L050/15
M
0.50
1.00
15
100
0.6
8.00
0.10
0.150
0.75
X
X
1206L075/13.2
G1
0.75
1.50
13.2
100
0.6
8.00
0.20
0.090
0.35
X
X
1206L075TH
1
G
0.75
1.50
8
100
0.6
8.00
0.20
0.090
0.29
X
X
1206L110TH
1
H
1.10
2.20
8
100
0.8
8.00
0.10
0.040
0.18
X
X
1206L150TH
1
K
1.50
3.00
8
100
0.8
8.00
0.30
0.040
0.12
X
X
1206L175
V
1.75
3.50
6
100
0.8
8.00
0.50
0.020
0.09
X
X
1206L200
L
2.00
3.50
6
100
0.8
8.00
1.50
0.018
0.08
X
X
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Description
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119118
Features
Applications
and halogen-free
currents
board space
temperature solders
for motherboards and
peripherals
and port protection
protection
Caution:
1 Some older references to these devices may include “–C“ in the Part Number. The “–C“ should be omitted when placing new orders for the device.


Similar Part No. - 1206L200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L200 LITTELFUSE-1206L200 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L200 LITTELFUSE-1206L200 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L200 LITTELFUSE-1206L200 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L200SL LITTELFUSE-1206L200SL Datasheet
187Kb / 7P
   LoRhoTM Surface Mount Series
More results

Similar Description - 1206L200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L005WR LITTELFUSE-1210L005WR Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0402L LITTELFUSE-0402L Datasheet
815Kb / 5P
   The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
logo
TEMEX
ROX2525S4 TEMEX-ROX2525S4 Datasheet
468Kb / 2P
   The ROX2525S4 OCXO is a perfect choice where performance versus space is at a premium
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51B0 MURATA1-PTGL07AS121M0N51B0_V01 Datasheet
335Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com