Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-786J Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-786J
Description  The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-786J Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-786J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The HCPL-7860/HCPL-786J Optically Isolated Modulator
and HCPL-0872 Digital Interface IC or digital filter together
form an isolated programmable two-chip analog-to-digital
converter. The isolated modulator allows direct measure-
ment of motor phase currents in power inverters.
In operation, the HCPL-7860/HCPL-786J Isolated Modula-
tor converts a low-bandwidth analog input into a high-
speed one-bit data stream by means of a Sigma-Delta
(
6') over-sampling modulator. This modulation provides
for high noise margins and excellent immunity against
isolation-mode transients. The modulator data and on-
chip sampling clock are encoded and transmitted across
the isolation boundary where they are recovered and de-
coded into separate high-speed clock and data channels.
NOTE: A 0.1 μF bypass capacitor must be connected between pins VDD1 and GND1 and between pins VDD2 and GND2.
SIGMA
DELTA
MOD./
ENCODE
DECODE
1
2
3
4
8
7
6
5
Input
Current
HCPL-0872
or
Digital Filter
MCU
or
DSP
HCPL-7860
HCPL-7860/HCPL-786J
Optically Isolated Sigma-Delta (S-D) Modulator
Data Sheet
Features
x 12-bit Linearity
x 200 ns Conversion Time
(Pre-Trigger Mode 2 with HCPL-0872)
x 12-bit Effective Resolution with 5 Ps Signal Delay
(14-bit with 102
Ps) (with HCPL-0872)
x Fast 3 Ps Over-Range Detection (with HCPL-0872)
x ± 200 mV Input Range with Single 5 V Supply
x 1% Internal Reference Voltage Matching
x Offset Calibration (with HCPL-0872)
x -40°C to +85°C Operating Temperature Range
x 15 kV/Ps Isolation Transient Immunity
x Safety Approval: UL 1577, CSA and IEC/EN/DIN EN
60747-5-2
Applications
x Motor Phase and Rail Current Sensing
x Data Acquisition Systems
x Industrial Process Control
x Inverter Current Sensing
x General Purpose Current Sensing and Monitoring
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation, which may be induced by ESD.


Similar Part No. - HCPL-786J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J AVAGO-HCPL-786J Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
logo
Agilent(Hewlett-Packard...
HCPL-786J-300 HP-HCPL-786J-300 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-786J-500 HP-HCPL-786J-500 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results

Similar Description - HCPL-786J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
logo
Burr-Brown (TI)
ISO809 BURR-BROWN-ISO809 Datasheet
111Kb / 7P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com