Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # 6N138
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button 6N138 Datasheet HTML 5Page - Fairchild Semiconductor 6N138 Datasheet HTML 6Page - Fairchild Semiconductor 6N138 Datasheet HTML 7Page - Fairchild Semiconductor 6N138 Datasheet HTML 8Page - Fairchild Semiconductor 6N138 Datasheet HTML 9Page - Fairchild Semiconductor 6N138 Datasheet HTML 10Page - Fairchild Semiconductor 6N138 Datasheet HTML 11Page - Fairchild Semiconductor 6N138 Datasheet HTML 12Page - Fairchild Semiconductor 6N138 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Fig. 20 Propagation Delay vs. Temperature
(6N138 / 6N139 Only)
TA - TEMPERATURE (˚C)
0
1020304050607080
0
10
20
30
40
50
HCPL-2730 : IF = 1.6 mA, RL = 2.2 k
HCPL-2731 : IF = 0.5 mA, RL = 4.7 k
tPLH (HCPL-2731)
tPLH (HCPL-2730)
tPHL (HCPL-2730)
tPHL (HCPL-2731)
Fig. 17 Propagation Delay vs. Input Diode Forward Current
(HCPL-2730 / HCPL-2731 Only)
IF - INPUT DIODE FORWARD CURRENT - mA
IF - INPUT DIODE FORWARD CURRENT - mA
02468
10
0
10
20
30
40
50
60
70
(tPHL) RL = 2.2 kΩ or 4.7 kΩ
(tPLH) RL = 4.7 kΩ
(tPLH) RL = 2.2 kΩ
VCC = 5 V
TA = 25˚C
Fig. 19 Propagation Delay to Logic Low vs. Pulse Period
(HCPL-2730 / HCPL-2731 Only)
T - INPUT PULSE PERIOD - ms
0.01
0.1
1
10
Fig. 18 Propagation Delay to Logic Low vs. Pulse Period
(6N138 / 6N139 Only)
T - INPUT PULSE PERIOD - ms
0.1
1
10
100
HCPL-2730
HCPL-2731
IF =1.6 mA
RL = 2.2kΩ
TA = 25˚C
HCPL-2731
IF = 0.5 mA
RL = 4.7 kΩ
Fig. 21 Propagation Delay vs. Temperature
(HCPL-2730 / HCPL-2731 Only)
TA - TEMPERATURE (˚C)
0
1020304050607080
0
10
20
30
40
50
HCPL-2730 : IF = 1.6 mA, RL = 2.2 k
HCPL-2731 : IF = 0.5 mA, RL = 4.7 k
tPLH (HCPL-2731)
tPLH (HCPL-2730)
tPHL (HCPL-2730)
tPHL (HCPL-2731)
Fig. 16 Propagation Delay vs. Input Diode Forward Current
(6N138 / 6N139 Only)
0123456789
10
0
10
20
30
40
50
60
70
0.01
0.1
1
10
0.1
1
10
100
(tPHL) RL = 2.2 kΩ or 4.7 kΩ
(tPLH) RL = 4.7 kΩ
(tPLH) RL = 2.2 kΩ
VCC = 5 V
TA = 25˚C
6N139
IF = 0.5 mA
RL = 4.7 kΩ
6N138
IF = 1.6 mA
RL = 2.2 kΩ
TA = 25˚C
SINGLE-CHANNEL
DUAL-CHANNEL
6N138
HCPL-2730
6N139
HCPL-2731
12/27/99
200023A
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS


Similar Part No. - 6N138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Lite-On Technology Corp...
6N138 LITEON-6N138 Datasheet
658Kb / 15P
   Property of Lite-On Only
More results

Similar Description - 6N138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com