Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT162244 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ABT162244
Description  16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT162244 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT162244 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 3: Guaranteed, but not tested.
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 2)
0.5V to 7.0V
Input Current (Note 2)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
0.5V to 5.5V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
2.5
V
Min
IOH 3 mA
2.0
V
Min
IOH 32 mA
VOL
Output LOW Voltage
0.8
V
Min
IOL 12 mA
IIH
Input HIGH Current
1
PAMax
VIN 2.7V (Note 3)
1VIN VCC
IBVI
Input HIGH Current Breakdown Test
7
PAMax
VIN 7.0V
IIL
Input LOW Current
1
PAMax
VIN 0.5V (Note 3)
1VIN 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID 1.9 PA
All Other Pins Grounded
IOZH
Output Leakage Current
10
PA0  5.5V VOUT 2.7V; OEn 2.0V
IOZL
Output Leakage Current
10
PA0  5.5V VOUT 0.5V; OEn 2.0V
IOS
Output Short-Circuit Current
100
275
mA
Max
VOUT 0.0V
ICEX
Output High Leakage Current
50
PAMax
VOUT VCC
IZZ
Bus Drainage Test
100
PA0.0
VOUT 5.5V; All Others GND
ICCH
Power Supply Current
2.0
mA
Max
All Outputs HIGH
ICCL
Power Supply Current
60
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
2.0
mA
Max
OEn VCC
All Others at VCC or GND
ICCT
Additional ICC/Input
Outputs Enabled
3.0
mA
VI VCC  2.1V
Outputs 3-STATE
3.0
mA
Max
Enable Input VI VCC  2.1V
Outputs 3-STATE
50
PA
Data Input VI VCC  2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs OPEN
(Note 3)
0.1
MHz
OEn GND
One Bit Toggling, 50% Duty Cycle


Similar Part No. - 74ABT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
   16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
Fairchild Semiconductor
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results

Similar Description - 74ABT162244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com