Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX62M-B-5P Datasheet(PDF) 7 Page - Hirose Electric

Part # ZX62M-B-5P
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX62M-B-5P Datasheet(HTML) 7 Page - Hirose Electric

Back Button ZX62M-B-5P Datasheet HTML 3Page - Hirose Electric ZX62M-B-5P Datasheet HTML 4Page - Hirose Electric ZX62M-B-5P Datasheet HTML 5Page - Hirose Electric ZX62M-B-5P Datasheet HTML 6Page - Hirose Electric ZX62M-B-5P Datasheet HTML 7Page - Hirose Electric ZX62M-B-5P Datasheet HTML 8Page - Hirose Electric ZX62M-B-5P Datasheet HTML 9Page - Hirose Electric ZX62M-B-5P Datasheet HTML 10Page - Hirose Electric ZX62M-B-5P Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
ZX Series
Micro-USB connectors meeting requirements of USB 2.0 Standard
2.9
4.1
8.3
4.75
0.85
2.6
1.3
0.4
0.5
9.8
6.6
NO CONDUCTIVE TRACES
No.5
No.1
PCB EDGE
7.5
No.5
No.1
8.8
5
0.6
2.15
B
Recommended PCB mounting pattern
■Receptacles
Micro AB - Reverse (Top mount), Shell SMT
Part Number
CL No.
Packaging
RoHS
ZX62R-AB-5P
242-0035-3
2,000 pieces per reel
YES
All dimensions: mm
PCB EDGE
NO CONDUCTIVE TRACES
9.4
No.5
R0.25(TH)
No.1
9(TH)
7.35(TH)
6.6
4.45
2.6
1.3
0.4
1.05(LAND)
R0.2MAX
R0.45(LAND)
0.65(TH)
R0.5(LAND)
0.85
2.9
4.75
(0.5)
(0.325)
R0.3(TH)
8.35
7.5
No.1
No.5
4.45
5
0.6
2.025
3.125
B
Recommended PCB mounting pattern
Micro AB - Reverse (Top mount), Shell through hole
Part Number
CL No.
Packaging
RoHS
ZX62RD-AB-5P8
242-0025-0
2,000 pieces per reel
YES
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - ZX62M-B-5P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62M-B-5P HIROSE-ZX62M-B-5P Datasheet
847Kb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX62M-B-5P HIROSE-ZX62M-B-5P Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
More results

Similar Description - ZX62M-B-5P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
   Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
Hirose Electric
UX HIROSE-UX_18 Datasheet
308Kb / 6P
   USB 2.0 Standard Connectors
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
   USB 2.0 Compatible Micro Connectors
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Samtec, Inc
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
   STANDARD & RUGGED USB 2.0
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
   STANDARD & RUGGED USB 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com