Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX64-B-5S Datasheet(PDF) 1 Page - Hirose Electric

Part # ZX64-B-5S
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX64-B-5S Datasheet(HTML) 1 Page - Hirose Electric

  ZX64-B-5S Datasheet HTML 1Page - Hirose Electric ZX64-B-5S Datasheet HTML 2Page - Hirose Electric ZX64-B-5S Datasheet HTML 3Page - Hirose Electric ZX64-B-5S Datasheet HTML 4Page - Hirose Electric ZX64-B-5S Datasheet HTML 5Page - Hirose Electric ZX64-B-5S Datasheet HTML 6Page - Hirose Electric ZX64-B-5S Datasheet HTML 7Page - Hirose Electric ZX64-B-5S Datasheet HTML 8Page - Hirose Electric ZX64-B-5S Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
NEW
2008.7
Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX Series
■Overview
Extremely small high reliability connectors complying with physical,
electrical and environmental requirements of Micro-USB standard
(USB 2.0).
Receptacles and plugs are available in a wide variety of mounting
and termination configurations, permitting their use in various
applications.
■Features
1. Size reduction
Compared with the standard Mini-B connectors, the size of ZX
connectors is reduced by approximately 60% while still allowing a
high-speed data transfer of 480 Mbps, specified in USB 2.0.
2. Receptacle styles
Two interface configurations: Micro-B and Micro-AB in standard,
mid-mount and reverse mounting styles.
SMT and through-hole (shell) PC board terminations
3. Plug styles
Corresponding to the receptacle styles, two interface configurations:
Micro-B and Micro-A, with direct wire or PCB wire soldering.
Several plug styles can be used for data transmission, earphone or
charging applications.
4. High durability
Unique contact and lock configuration assures high durability while
maintaining easy insertion / disconnection. Fully mated condition
(when mated with corresponding HRS connector) is confirmed by a
definite tactile sensation
5. RoHS compliant
All components and materials comply with the requirements of EU
directive 20/95/EC
■Applications
Mobile phones, PDA, portable music players, digital cameras, digital
camcorders and other applications requiring high reliability Micro-B
interface connectors.
Reverse
(Top mount)
Drop-in
(Mid-mount)
Standard
(Bottom mount)
USB 2.0 Hi-Speed (480 Mbps)
Eye pattern measurement results:
Measured with USB 2.0 cable 2.4 m long
500ps/div
TP2
Note: Contact us to ascertain whether a TID number has
been acquired for an individual product.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - ZX64-B-5S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX6.2 DIOTEC-ZX6.2 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX6.2 NJSEMI-ZX6.2 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
logo
Diotec Semiconductor
ZX6.8 DIOTEC-ZX6.8 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX6.8 NJSEMI-ZX6.8 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
logo
Mini-Circuits
ZX60-02203LPN MINI-ZX60-02203LPN Datasheet
830Kb / 8P
   Wideband Microwave Amplifier
More results

Similar Description - ZX64-B-5S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
   Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
Hirose Electric
UX HIROSE-UX_18 Datasheet
308Kb / 6P
   USB 2.0 Standard Connectors
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
   USB 2.0 Compatible Micro Connectors
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Samtec, Inc
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
   STANDARD & RUGGED USB 2.0
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
   STANDARD & RUGGED USB 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com