Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT245CMSA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT245CMSA
Description  Octal Bi-Directional Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT245CMSA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT245CMSA Datasheet HTML 1Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 2Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 3Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 4Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 5Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 6Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 7Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 8Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS010945
www.fairchildsemi.com
September 1991
Revised March 2005
74ABT245
Octal Bi-Directional Transceiver with 3-STATE Outputs
General Description
The ABT245 contains eight non-inverting bidirectional buff-
ers with 3-STATE outputs and is intended for bus-oriented
applications. Current sinking capability is 64 mA on both
the A and B ports. The Transmit/Receive (T/R) input deter-
mines the direction of data flow through the bidirectional
transceiver. Transmit (active HIGH) enables data from A
Ports to B Ports; Receive (active LOW) enables data from
B Ports to A Ports. The Output Enable input, when HIGH,
disables both A and B ports by placing them in a HIGH Z
condition.
Features
s Bidirectional non-inverting buffers
s A and B output sink capability of 64 mA, source
capability of 32 mA
s Guaranteed output skew
s Guaranteed multiple output switching specifications
s Output switching specified for both 50 pF and 250 pF
loads
s Guaranteed simultaneous switching, noise level and
dynamic threshold performance
s Guaranteed latchup protection
s High impedance glitch-free bus loading during entire
power up and power down cycle
s Non-destructive hot insertion capability
s Disable time is less than enable time to avoid bus
contention
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74ABT245CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT245CSJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT245CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT245CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ABT245CMTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74ABT245CPC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74ABT245CMSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT245CMSA FAIRCHILD-74ABT245CMSA Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
More results

Similar Description - 74ABT245CMSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Renesas Technology Corp
HD74AC245 RENESAS-HD74AC245 Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com