Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT273CSJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT273CSJ
Description  Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT273CSJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT273CSJ Datasheet HTML 1Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 2Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 3Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 4Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 5Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 6Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 7Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 8Page - Fairchild Semiconductor 74ABT273CSJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
(SSOIC package)
AC Operating Requirements
Capacitance
(SOIC package)
Note 6: COUT is measured at frequency f 1 MHz, per MIL-STD-833, Method 3012.
Symbol
Parameter
TA 25qCTA 55qC to 125qCTA 40qC to 85qC
Units
VCC 5.0V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
150
200
150
150
MHz
tPLH
Propagation Delay
2.0
6.0
1.0
7.0
2.0
6.0
ns
tPHL
CP to On
2.8
6.8
1.0
7.5
2.8
6.8
tPHL
Propagation Delay
2.5
7.4
1.0
8.2
2.5
7.4
ns
MR to On
Symbol
Parameter
TA 25qCTA 55qC to 125qCTA 40qC to 85qC
Units
VCC 5.0V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH
2.0
2.0
2.0
ns
tS(L)
or LOW Dn to CP
2.5
2.5
2.5
tH(H)
Hold Time, HIGH
1.2
1.4
1.2
ns
tH(L)
or LOW Dn to CP
1.2
1.4
1.2
tW(H)
Pulse Width, CP,
3.3
3.3
3.3
ns
tW(L)
HIGH or LOW
3.3
3.3
3.3
tW(L)
Master Reset Pulse
3.3
3.3
3.3
ns
Width, LOW
tREC
Recovery Time
2.0
2.0
2.0
ns
MR to CP
Symbol
Parameter
Typ
Units
Conditions
TA 25qC
CIN
Input Capacitance
5
pF
VCC 0V
COUT (Note 6)
Output Capacitance
9
pF
VCC 5.0V


Similar Part No. - 74ABT273CSJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AD PHILIPS-74ABT273AD Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273ADB PHILIPS-74ABT273ADB Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AN PHILIPS-74ABT273AN Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273APW PHILIPS-74ABT273APW Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
More results

Similar Description - 74ABT273CSJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com