Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT2952CSC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ABT2952CSC
Description  Octal Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT2952CSC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT2952CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT2952CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT2952CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT2952CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT2952CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT2952CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT2952CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT2952CSC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 3: Guaranteed, but not tested.
Note 4: For 8-bit toggling, ICCD < 1.4 mA/MHz.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disable or
Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate (
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA (Non I/O Pins)
VOH
Output HIGH Voltage
2.5
IOH = −3 mA (An, Bn)
2.0
IOH = −32 mA (An, Bn)
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA (An, Bn)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA (Non-I/O Pins)
All Other Pins Grounded
IIH
Input HIGH Current
1
µAMax
VIN = 2.7V (Non-I/O Pins) (Note 3)
1VIN = VCC (Non-I/O Pins)
IBVI
Input HIGH Current Breakdown Test
7
µAMax
VIN = 7.0V (Non-I/O Pins)
IBVIT
Input HIGH Current Breakdown Test (I/O)
100
µAMax
VIN = 5.5V (An, Bn)
IIL
Input LOW Current
−1
µAMax
VIN = 0.5V (Non-I/O Pins) (Note 3)
−1V
IN = 0.0V (Non-I/O Pins)
IIH + IOZH Output Leakage Current
10
µA0V–5.5V V
OUT = 2.7V (An, Bn);
OEA or OEB
= 2.0V
IIL + IOZL Output Leakage Current
−10
µA0V–5.5V V
OUT = 0.5V (An, Bn);
OEA or OEB
= 2.0V
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC (An, Bn)
IZZ
Bus Drainage Test
100
µA0.0V
VOUT = 5.5V (An, Bn);
All Others GND
ICCH
Power Supply Current
250
µA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
µA
Max
Outputs 3-STATE;
All Others GND
ICCT
Additional ICC/Input
2.5
mA
Max
VI = VCC − 2.1V; All Others
at VCC or GND
ICCD
Dynamic ICC
No Load
0.18
mA/MHz
Max
Outputs Open
(Note 4)
OEA or OEB
= GND,
Non-I/O
= GND or V
CC
One Bit toggling, 50% duty cycle
(Note 4)


Similar Part No. - 74ABT2952CSC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
More results

Similar Description - 74ABT2952CSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
NXP Semiconductors
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com