Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT374 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT374
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT374 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT374 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
(SOIC package)
Note 6: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output at Low. Guaranteed, but not tested.
Note 7: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested.
Note 8: Max number of data inputs (n) switching. n
 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD).
Guaranteed, but not tested.
AC Electrical Characteristics
(SOIC and SSOP Package)
AC Operating Requirements
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
5.0
TA 25qC (Note 6)
VOLV
Quiet Output Minimum Dynamic VOL
1.3
0.9
V
5.0
TA 25qC (Note 6)
VOHV
Minimum HIGH Level Dynamic Output Voltage
2.5
3.0
V
5.0
TA 25qC (Note 7)
VIHD
Minimum HIGH Level Dynamic Input Voltage
2.0
1.6
V
5.0
TA 25qC (Note 8)
VILD
Maximum LOW Level Dynamic Input Voltage
1.3
0.8
V
5.0
TA 25qC (Note 8)
Symbol
Parameter
TA 25qC
TA 55qC to
125qC
TA 40qC to 85qC
Units
VCC 5.0V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
150
200
150
150
MHz
tPLH
Propagation Delay
2.0
3.2
5.0
1.4
6.6
2.0
5.0
ns
tPHL
CP to On
2.0
3.3
5.0
2.0
7.6
2.0
5.0
tPZH
Output Enable Time
1.5
3.1
5.3
0.8
5.7
1.5
5.3
ns
tPZL
1.5
3.1
5.3
1.5
7.2
1.5
5.3
tPHZ
Output Disable Time
1.5
3.6
5.4
1.3
7.2
1.5
5.4
ns
tPLZ
1.5
3.4
5.4
1.0
7.0
1.5
5.4
Symbol
Parameter
TA 25qCTA 55qC to 125qCTA 40qC to 85qC
Units
VCC 5.0V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH
1.5
2.5
1.0
ns
tS(L)
or LOW Dn to CP
1.5
2.5
1.5
tH(H)
Hold Time, HIGH
1.0
2.5
1.0
ns
tH(L)
or LOW Dn to CP
1.0
2.5
1.0
tW(H)
Pulse Width, CP
3.0
3.3
3.0
ns
tW(L)
HIGH or LOW
3.0
3.3
3.0


Similar Part No. - 74ABT374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT374 FAIRCHILD-74ABT374 Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74ABT374A PHILIPS-74ABT374A Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AD PHILIPS-74ABT374AD Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374ADB PHILIPS-74ABT374ADB Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AN PHILIPS-74ABT374AN Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Similar Description - 74ABT374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com