Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

74ABT374 Datasheet(HTML) 5 Page - Fairchild Semiconductor

Part No. 74ABT374
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ABT374 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
5
www.fairchildsemi.com
Extended AC Electrical Characteristics
(SOIC Package)
Note 9: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 10: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load capac-
itors in the standard AC load. This specification pertains to single output switching only.
Note 11: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load.
Note 12: The 3-STATE delay Time is dominated by the RC network (500
:, 250 pF) on the output and has been excluded from the datasheet.
Skew (Note 17)
(SOIC Package)
Note 13: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load.
Note 14: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all
the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested.
Note 15: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW (tOST). This specification is guaranteed but not tested.
Note 16: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not
tested.
Note 17: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Capacitance
Note 18: COUT is measured at frequency f 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA 40qC to 85qCTA 40qC to 85qCTA 40qC to 85qC
Units
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 250 pF
CL 250 pF
8 Outputs Switching
(Note 10)
8 Outputs Switching
(Note 9)
(Note 11)
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
5.7
2.0
7.8
2.0
10.0
ns
tPHL
CP to On
1.5
5.7
2.0
7.8
2.0
10.0
tPZH
Output Enable Time
1.5
6.2
2.0
8.0
2.0
10.5
ns
tPZL
1.5
6.2
2.0
8.0
2.0
10.5
tPHZ
Output Disable Time
1.0
5.5
(Note 12)
(Note 12)
ns
tPZL
1.0
5.5
Symbol
Parameter
TA 40qC to 85qCTA 40qC to 85qC
Units
VCC 4.5V–5.5V
VCC 4.5V–5.5V
CL 50 pF
CL 250 pF
8 Outputs Switching
8 Outputs Switching
(Note 13)
(Note 14)
Max
Max
tOSHL
Pin to Pin Skew
1.0
1.8
ns
(Note 15)
HL Transitions
tOSLH
Pin to Pin Skew
1.0
1.8
ns
(Note 15)
LH Transitions
tPS
Duty Cycle
1.8
4.3
ns
(Note 14)
LH–HL Skew
tOST
Pin to Pin Skew
2.0
4.3
ns
(Note 15)
LH/HL Transitions
tPV
Device to Device Skew
2.5
4.6
ns
(Note 16)
LH/HL Transitions
Symbol
Parameter
Typ
Units
Conditions
(TA 25qC)
CIN
Input Capacitance
5.0
pF
VCC 0V
COUT (Note 18)
Output Capacitance
9.0
pF
VCC 5.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn