Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4215J Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4215J
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Soft-Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215J Datasheet(HTML) 4 Page - Semtech Corporation

  SC4215J Datasheet HTML 1Page - Semtech Corporation SC4215J Datasheet HTML 2Page - Semtech Corporation SC4215J Datasheet HTML 3Page - Semtech Corporation SC4215J Datasheet HTML 4Page - Semtech Corporation SC4215J Datasheet HTML 5Page - Semtech Corporation SC4215J Datasheet HTML 6Page - Semtech Corporation SC4215J Datasheet HTML 7Page - Semtech Corporation SC4215J Datasheet HTML 8Page - Semtech Corporation SC4215J Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SC4215J
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Feedback
Reference Voltage(2)
V
REF
V
IN = .V, IO =10mA
0.495
0.500
0.505
V
0.490
0.510
0.485
0.515
Line Regulation
I
O = 10mA
0.2
%/V
Load Regulation (5)
I
O = 10mA to 2A
0.
%
Feedback Pin Current
V
FB = VREF
80
200
nA
EN
Enable Pin Current
I
EN
V
EN = 0V, VIN =.V
1.5
10
µA
Enable Pin Threshold
V
IH
V
IN=.V
1.6
V
V
IL
0.4
Over Temperature Protection
High Trip Level
T
HI
160
O
C
Hysteresis
T
HYST
10
O
C
Soft-Start
Soft-Start Time (6)
t
SS
0.7
1
ms
Electrical Characteristics (continued)
Notes:
(1) Minimum V
IN = VOUT + VDO or 1.4V, whichever is greater.
(2) Low duty cycle pulse testing with Kelvin connections required.
() V
DO = VIN -VO when VO decreases by 1.5% of its nominal output voltage with VIN = VO +0.8V.
(4) Required to maintain regulation. Voltage set resistors R
1 and R2 are usually utilized to meet this requirement.
(5) Where the power dissipation does not exceed the maximum rating of the package. Refer to Figure 1 on page 8.
(6) Time taken for the output to rise from 0% to 95% of the programmed output voltage.


Similar Part No. - SC4215J

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4215 SEMTECH-SC4215 Datasheet
1,013Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215AEVB SEMTECH-SC4215AEVB Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
More results

Similar Description - SC4215J

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7001 TI1-TPS7A7001 Datasheet
709Kb / 17P
[Old version datasheet]   Very Low Input, Very Low Dropout, 2-Amp Regulator With EnableQ
logo
Semtech Corporation
SC4215 SEMTECH-SC4215_06 Datasheet
213Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_09 Datasheet
1,013Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7001 TI-TPS7A7001_15 Datasheet
843Kb / 21P
[Old version datasheet]   TPS7A7001 Very Low Input, Very Low Dropout, 2-Amp Regulator With Enable
logo
Semtech Corporation
SC4212B SEMTECH-SC4212B Datasheet
839Kb / 11P
   Very Low Input /Very Low Dropout 1 Amp Regulator
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com