Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT573 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ABT573
Description  Octal D-Type Latch with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT573 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: For 8 bits toggling, ICCD  0.8 mA/MHz.
Note 5: Guaranteed but not tested.
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
0.5V to 5.5V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
Twice the rated IOL (mA)
DC Latchup Source Current
500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
2.5
VMin
IOH 3 mA
2.0
IOH 32 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL 64 mA
IIH
Input HIGH Current
1
PAMax
VIN 2.7V (Note 5)
1VIN VCC
IBVI
Input HIGH Current
7
PAMax
VIN 7.0V
Breakdown Test
IIL
Input LOW Current
1
PAMax
VIN 0.5V (Note 5)
1VIN 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID 1.9 PA
All Other Pins Grounded
IOZH
Output Leakage Current
10
PA0  5.5V VOUT 2.7V; OE 2.0V
IOZL
Output Leakage Current
10
PA0  5.5V VOUT 0.5V; OE 2.0V
IOS
Output Short-Circuit Current
100
275
mA
Max
VOUT 0.0V
ICEX
Output HIGH Leakage Current
50
PAMax
VOUT VCC
IZZ
Bus Drainage Test
100
PA0.0
VOUT 5.5V; All Others GND
ICCH
Power Supply Current
50
PA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
PAMax
OE
VCC
All Others at VCC or GND
ICCT
Additional ICC/Input
Outputs Enabled
2.5
mA
VI VCC  2.1V
Outputs 3-STATE
2.5
mA
Max
Enable Input VI VCC  2.1V
Outputs 3-STATE
2.5
mA
Data Input VI VCC  2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs Open
(Note 5)
0.12
MHz
OE
GND, LE
VCC (Note 4)
One Bit Toggling, 50% Duty Cycle


Similar Part No. - 74ABT573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT573 FAIRCHILD-74ABT573 Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
logo
NXP Semiconductors
74ABT573A PHILIPS-74ABT573A Datasheet
67Kb / 6P
   Octal D-type transparent latch 3-State
1995 Sep 06
74ABT573A PHILIPS-74ABT573A Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573AD PHILIPS-74ABT573AD Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573ADB PHILIPS-74ABT573ADB Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
More results

Similar Description - 74ABT573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com