Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT273CMTCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ABT273CMTCX
Description  Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT273CMTCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ABT273CMTCX Datasheet HTML 1Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 2Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 3Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 4Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 5Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 6Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 7Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 8Page - Fairchild Semiconductor 74ABT273CMTCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Truth Table
H
HIGH Voltage Level steady state
h
HIGH Voltage Level one setup time prior to the LOW-to-HIGH clock transition
L
LOW Voltage Level steady state
I
LOW Voltage Level one setup time prior to the LOW-to-HIGH clock transition
X
Immaterial
 LOW-to-HIGH clock transition
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Operating Mode
Inputs
Output
MR
CP
Dn
Qn
Reset (Clear)
L
X
X
L
Load “1”
H

hH
Load “0”
H

lL


Similar Part No. - 74ABT273CMTCX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AD PHILIPS-74ABT273AD Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273ADB PHILIPS-74ABT273ADB Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AN PHILIPS-74ABT273AN Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273APW PHILIPS-74ABT273APW Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
More results

Similar Description - 74ABT273CMTCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com