Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT652CMTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT652CMTC
Description  Octal Transceivers and Registers with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT652CMTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT652CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: Guaranteed but not tested.
Note 5: For 8 outputs toggling, ICCD < 1.4 mA/MHz.
Note 6: Guaranteed, but not tested.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disable
or Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate (
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA (Non I/O Pins)
VOH
Output HIGH
2.5
V
Min
IOH = −3 mA, (An, Bn)
Voltage
2.0
IOH = −32 mA, (An, Bn)
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA, (An, Bn)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA, (Non-I/O Pins)
All Other Pins Grounded
IIH
Input HIGH Current
1
µA
Max
VIN = 2.7V (Non-I/O Pins) (Note 4)
1
VIN = VCC (Non-I/O Pins)
IBVI
Input HIGH Current Breakdown Test
7
µA
Max
VIN = 7.0V (Non-I/O Pins)
IBVIT
Input HIGH Current Breakdown Test (I/O)
100
µA
Max
VIN = 5.5V (An, Bn)
IIL
Input LOW Current
−1
µA
Max
VIN = 0.5V (Non-I/O Pins) (Note 4)
−1
VIN = 0.0V (Non-I/O Pins)
IIH +
IOZH
Output Leakage Current
10
µA
0V–5.5V VOUT = 2.7V (An, Bn);
OEBA
= 2.0V and OEAB = GND = 2.0V
IIL + IOZL Output Leakage Current
−10
µA
0V–5.5V VOUT = 0.5V (An, Bn);
OEBA
= 2.0V and OEAB = GND = 2.0V
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
µA
Max
VOUT = VCC (An, Bn)
IZZ
Bus Drainage Test
100
µA
0.0V
VOUT = 5.5V (An, Bn); All Others GND
ICCH
Power Supply Current
250
µA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
µA
Max
Outputs 3-STATE;
All others at VCC or GND
ICCT
Additional ICC/Input
2.5
mA
Max
VI = VCC − 2.1V
All others at VCC or GND
ICCD
Dynamic ICC
No Load
0.18
mA/MHz
Max
Outputs Open (Note 5)
(Note 6)
OEAB
= OEBA = GND
One bit toggling, 50% duty cycle


Similar Part No. - 74ABT652CMTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652AD PHILIPS-74ABT652AD Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652AD NXP-74ABT652AD Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652ADB PHILIPS-74ABT652ADB Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results

Similar Description - 74ABT652CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com