Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD15U50SL Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD15U50SL
Description  15A/50V Ultra Low VF Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD15U50SL Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD15U50SL Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD15U50SL Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SD15U50SL Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO-277B PACKAGE OUTLINE DIMENSIONS
FOOT PRINT RECOMMENDATION
unit: mm
http://www.luguang.cn
Email:lge@luguang.cn
SD15U50SL


Similar Part No. - SD15U50SL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SD15U100SL LUGUANG-SD15U100SL Datasheet
1Mb / 4P
   10A/100V Low VF Schottky Rectifier
Revision:20210923-P1
SD15U150SL LUGUANG-SD15U150SL Datasheet
1Mb / 4P
   10A/100V Low VF Schottky Rectifier
Revision:20181101-P2
SD15U45SL LUGUANG-SD15U45SL Datasheet
230Kb / 3P
   15A/45V Ultra Low VF Schottky Rectifier
SD15U45SL LUGUANG-SD15U45SL Datasheet
228Kb / 3P
   15A/45V Ultra Low VF Schottky Rectifier
More results

Similar Description - SD15U50SL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SD1550SL LUGUANG-SD1550SL Datasheet
840Kb / 4P
   15A/50V Low VF Schottky Rectifier
SD15U45SL LUGUANG-SD15U45SL Datasheet
228Kb / 3P
   15A/45V Ultra Low VF Schottky Rectifier
SD15U45SL LUGUANG-SD15U45SL Datasheet
230Kb / 3P
   15A/45V Ultra Low VF Schottky Rectifier
SD15S45SL LUGUANG-SD15S45SL Datasheet
8Mb / 4P
   15A/45V Low VF Schottky Rectifier
SD15S150SL LUGUANG-SD15S150SL Datasheet
1Mb / 4P
   15A/150V Low VF Schottky Rectifier
Revision:20181101-P1
SD10U50SL LUGUANG-SD10U50SL Datasheet
5Mb / 4P
   10A/50V Low VF Schottky Rectifier
SD10S50SL LUGUANG-SD10S50SL Datasheet
2Mb / 4P
   10A/50V Low VF Schottky Rectifier
logo
SeCoS Halbleitertechnol...
SMPD1560L SECOS-SMPD1560L Datasheet
224Kb / 2P
   60V, 15A Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com