Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC109SJ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC109SJ
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC109SJ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC109SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC109SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Operating Requirements for AC
Note 8: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V
AC Operating Requirements for ACT
Note 10: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
3.5
6.5
7.5
ns
Jn or Kn to CPn
5.0
2.0
4.5
5.0
tH
Hold Time, HIGH or LOW
3.3
−1.5
0
0
ns
Jn or Kn to CPn
5.0
−0.5
0.5
0.5
tW
Pulse Width
3.3
2.0
7.0
7.5
ns
CDn or SDn
5.0
2.0
4.5
5.0
tREC
Recovery Time
3.3
−2.5
0
0
ns
CDn or SDn to CPn
5.0
−1.5
0
0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
5.0
145
210
125
MHz
tPLH
Propagation Delay
5.0
4.0
7.0
11.0
3.5
13.0
ns
CPn to Qn or Qn
tPHL
Propagation Delay
5.0
3.0
6.0
10.0
2.5
11.5
ns
CPn to Qn or Qn
tPLH
Propagation Delay
5.0
2.5
5.5
9.5
2.0
10.5
ns
CDn or SDn to Qn or Qn
tPHL
Propagation Delay
5.0
2.5
6.0
10.0
2.0
11.5
ns
CDn or SDn to Qn or Qn
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0.5
2.0
2.5
ns
Jn or Kn to CPn
tH
Hold Time, HIGH or LOW
5.0
0
2.0
2.0
ns
Jn or Kn to CPn
tW
Pulse Width
5.0
3.0
5.0
6.0
ns
CPn or CDn or SDn
trec
Recovery Time
5.0
−2.5
0
0
ns
CDn or SDn to CPn
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
35.0
pF
VCC = 5.0V


Similar Part No. - 74AC109SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC109SJ FAIRCHILD-74AC109SJ Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74AC109SJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com