Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC139SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74AC139SJ
Description  Dual 1-of-4 Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC139SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74AC139SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC139SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009926
www.fairchildsemi.com
November 1988
Revised November 1999
74AC139 • 74ACT139
Dual 1-of-4 Decoder/Demultiplexer
General Description
The AC/ACT139 is a high-speed, dual 1-of-4 decoder/
demultiplexer. The device has two independent decoders,
each accepting two inputs and providing four mutually-
exclusive active-LOW outputs. Each decoder has an
active-LOW Enable input which can be used as a data
input for a 4-output demultiplexer. Each half of the AC/
ACT139 can be used as a function generator providing all
four minterms of two variables.
Features
s ICC reduced by 50%
s Multifunction capability
s Two completely independent 1-of-4 decoders
s Active LOW mutually exclusive outputs
s Outputs source/sink 24 mA
s ACT139 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC139SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74AC139SJ
M16D
16-Lead Small Outline Package (SOIC), EIAJ Type II, 5.3mm Wide
74AC139MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC139PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT139SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74ACT139SJ
M16D
16-Lead Small Outline Package (SOIC), EIAJ Type II, 5.3mm Wide
74ACT139MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT139PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
A0, A1
Address Inputs
E
Enable Inputs
O0–O3
Outputs


Similar Part No. - 74AC139SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC139SJ FAIRCHILD-74AC139SJ Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139SJ ONSEMI-74AC139SJ Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
More results

Similar Description - 74AC139SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com