Electronic Components Datasheet Search |
|
ZVN4310GTA Datasheet(PDF) 1 Page - Diodes Incorporated |
|
ZVN4310GTA Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 5 page ZVN4310G Document number: DS33372 Rev. 4 - 2 1 of 5 www.diodes.com January 2012 © Diodes Incorporated A Product Line of Diodes Incorporated ZVN4310G 100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223 Features and Benefits • V(BR)DSS > 100V • RDS(on) ≤ 0.54Ω @ VGS = 10V • Maximum continuous drain current ID = 1.67A • “Green” component, Lead Free Finish / RoHS compliant (Note 1) • Qualified to AEC-Q101 Standards for High Reliability Applications • DC-DC Converters • Solenoids / Relay Driver for Automotive Mechanical Data • Case: SOT223 • Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: Matte Tin Finish • Weight: 0.112 grams (approximate Ordering Information (Note 1) Part Number Marking Reel size (inches) Tape width (mm) Quantity per reel ZVN4310GTA ZVN4310 7 8 1,000 Notes: 1. Diodes, Inc. defines “Green” products as those which are RoHS compliant and contain no halogens or antimony compounds. All applicable RoHS exemptions applied. Further information about Diodes Inc.’s “Green” Policy can be found on our website at https:// www.diodes.com Marking Information ZVN4310 = Product Type Marking Code Equivalent Circuit D S G Pin Out - Top Top View SOT223 Green |
Similar Part No. - ZVN4310GTA |
|
Similar Description - ZVN4310GTA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |