Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCD-476 Datasheet(PDF) 2 Page - Tyco Electronics

Part # WCD-476
Description  Write-On Self-Laminating Dispensers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WCD-476 Datasheet(HTML) 2 Page - Tyco Electronics

  WCD-476 Datasheet HTML 1Page - Tyco Electronics WCD-476 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WCD
-318
Product family
Label Length (e.g. 31.8mm)
• Operating temperature –40°C to +80 °C (-40˚F to +176˚F)
PART NUMBERING SYSTEM
ORDERING INFORMATION
TEMPERATURE RATING
• Tyco ElectronicsTTDS-140
SPECIFICATIONS & APPROVALS
WCD
Write-On Self-Laminating Dispensers
1773446-2 1/07
www.tycoelectronics.com
© 2007 by Tyco Electronics Corporation. All Rights Reserved. TYCO is a trademark.
FOR MORE INFORMATION
Dimensions
Ordering
Markers
A
B
C
Max. Cable Diameter
Description
per Pack
mm (in.)
mm (in.)
mm (in.)
mm (in.)
Label Dispensers
WCD-318
300
31.8 (1.25)
7.95 (0.31)
19.0 (0.75)
07.62 (0.30)
WCD-476
150
47.6 (1.87)
12.7 (0.50)
19.0 (0.75)
10.16 (0.40)
WCD-762
90
76.2 (3.00)
19.0 (0.75)
19.0 (0.75)
17.78 (0.70)
WCD-1520
40
152.0 (5.98)
25.4 (1.00)
19.0 (0.75)
40.64 (1.60)
Felt-tip Pen, Fine
ZUB-01
1
A
B
C
Product Information Centres
Austria: +43-1-905-60-1249
Czech Republic: +420-5-41-162-113
France: +33-1-3420-8686
Germany: +49-6251-133-1999
Hungary: +36-1-289-1016
Italy: +39-011-4012-360
Netherlands: +31-73-6246-999
Poland: +48-22-4576-704
UK: Freephone GB: 0800-267-666
+44-208-420-8341
email: picuk@tycoelectronics.com


Similar Part No. - WCD-476

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WCD-476 MACOM-WCD-476 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - WCD-476

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TKM-75 ETC2-TKM-75 Datasheet
49Kb / 1P
   TKM self-laminating write-on labels
CT2012X2 ETC-CT2012X2 Datasheet
310Kb / 3P
   Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5
logo
PANDUIT CORP.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
   Laser/Ink Jet Self-Laminating Labels
logo
Tyco Electronics
CSL03423P4 MACOM-CSL03423P4 Datasheet
113Kb / 2P
   CSL A4 Laser printable self-laminating labels
logo
PANDUIT CORP.
PST-FO PANDUIT-PST-FO Datasheet
121Kb / 1P
   Self-Laminating Fiber Optic Cable Marker Tags
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
   Internal self-timed write cycle
logo
PANDUIT CORP.
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
   Self-Laminating Labels for Laser AND Ink Jet Printers
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com