Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC161MTC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74AC161MTC
Description  Synchronous Presettable Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC161MTC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC161MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 9Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 10Page - Fairchild Semiconductor 74AC161MTC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
AC Operating Requirements for ACT
Note 10: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
4.0
9.5
11.5
ns
Pn to CP
tH
Hold Time, HIGH or LOW
5.0
−5.0
0
0
ns
Pn to CP
tS
Setup Time, HIGH or LOW
5.0
4.0
8.5
9.5
ns
PE to CP
tH
Hold Time, HIGH or LOW
5.0
−5.5
−0.5
−0.5
ns
PE to CP
tS
Setup Time, HIGH or LOW
5.0
2.5
5.5
6.5
ns
CEP or CET to CP
tH
Hold Time, HIGH or LOW
5.0
−3.0
0
0
ns
CEP or CET to CP
tW
Clock Pulse Width,
5.0
2.0
3.0
3.5
ns
(Load) HIGH or LOW
tW
Clock Pulse Width,
5.0
2.0
3.0
3.5
ns
(Count) HIGH or LOW
tW
MR Pulse Width, LOW
5.0
3.0
3.0
7.5
ns
tREC
Recovery Time
5.0
0
0
0.5
ns
MR to CP
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
45.0
pF
VCC = 5.0V


Similar Part No. - 74AC161MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC161MTC FAIRCHILD-74AC161MTC Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
More results

Similar Description - 74AC161MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com