Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082A Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8F082A
Description  Development Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082A Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8F082A Datasheet HTML 1Page - Zilog, Inc. Z8F082A Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Z8 Encore! XP® F08xA Series
Development Kit
Evaluate. Design. Build. That's the simple power behind the
value of the ZiLOG Z8 Encore! XP® F08xA Series Development
Kit. Our complete development platform includes all the hard-
ware and software you need to cut design time and get your
products to market faster.
These new kits feature the Z8 Encore! XP® F08xA series MCU,
with new features such as a full range temperature sensor and
a transimpedance amplifier, which have their outputs
processed by an enhanced sigma-delta analog to digital
converter. The Z8 Encore! XP® F08xA series MCU is perfect for
a wide range of consumer and industrial applications.
Use the Z8 Encore! XP® F08xA Series Development Kits both to
evaluate our new MCU and create your Z8 Encore! XP® F08xA
series MCU product solution. You get everything you need to
go from concept to design - there's nothing else to buy.
Discover the value and power ZiLOG brings to your next 8-bit
MCU design. Order a Z8 Encore! XP® F08xA Series Develop-
ment Kit today!
OVERVIEW
8-Pin Development Kit
20, 28-Pin Development Kit
Z8 Encore! XP® F08xA Series MCU
Development Kit Contents
Hardware
• Z8 Encore! XP® F08xA Series Development Board
• Serial or USB Smart Cable
• 5 V DC Universal Power Supply
Software
• ZDS II Integrated Development Environment (IDE)
• ANSI C-Compiler
• Sample Code
Documentation/CD-ROM
• Development Kit Quick Start Guide
• Development Kit User Manual
• ZDS II - IDE User Manual
• eZ8 CPU User Manual
• Product Specifications
• Product Briefs
• Application Notes
Development Board Features
• Z8 Encore! XP® F08xA MCU
• Three LEDs
• RS-232 interface
• IrDA transceiver
• Two Push Buttons, RESET and TEST
• 5 V DC power connector
• On-chip debugger interface
• Header for ADC input (not present on 8-pin board)
• Prototyping area
• External interface connectors
• 2.7 to 3.6 V operating range with 5 V tolerant inputs


Similar Part No. - Z8F082A

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F082A28100KIT ZILOG-Z8F082A28100KIT Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F082AHH020EC ZILOG-Z8F082AHH020EC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F082AHH020EG ZILOG-Z8F082AHH020EG Datasheet
784Kb / 68P
   Select from an assortment of lenses and pyroelectric sensors to best fit your application
Z8F082AHH020SC ZILOG-Z8F082AHH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F082AHJ020EC ZILOG-Z8F082AHJ020EC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
More results

Similar Description - Z8F082A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
   C8051F36x DEVELOPMENT KIT
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
[Old version datasheet]   LaunchPad Development Kit
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
logo
Broadcom Corporation.
CALISTO-BCM1500 BOARDCOM-CALISTO-BCM1500 Datasheet
685Kb / 2P
   SOFTWARE DEVELOPMENT KIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com