Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F08 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z8F08
Description  MCU Development Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F08 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z8F08 Datasheet HTML 1Page - Zilog, Inc. Z8F08 Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z8 Encore!® MCU ZDS II-IDE GUI
Order your ZiLOG Development Kits at http://www.zilog.com to get your applications to
market in recored time.
Z8 Encore!® is a registered trademarks of ZiLOG, Inc. in the United States and in the other countries. FL004607-0607
C-Compiler
A full-version ANSI C-Compiler is included in this kit at no
additional cost allowing you to begin your design immedi-
ately. The C-Compiler supports a powerful configurable
optimizer allowing code to be optimized for speed or size.
Smart Cable
This small circuit board provides reliable and robust communi-
cation between your PC and the development board. Use it for
your development board and again with your final product's
hardware.
Serial Smart Cable converts RS-232 signals to communicate
with the of the eZ8 core.
P/N: Z8ENCORE000ZAC
USB Smart Cable is compatible with both USB high speed and
full-speed standards and converts the signals sent from the USB
port to your development PC to communicate with the
On-Chip.
P/N: ZUSBSC00100ZACG (RoHS)
P/N: ZUSBOPTSC01ZACG (RoHS)
Device
Memory
Flash/
ROM
(Bytes)
RAM
(Bytes)
DMA
Controller
Precision
Osc.
Operating
Voltage
UARTs
SPI and I2C
Pin Count
Development Kit
3.0 - 3.6 V
3.0 - 3.6 V
3.0 - 3.6 V
3.0 - 3.6 V
3.0 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
Z8F64
64K
48K
32K
24K
16K
8K
8K
4K
4K
2K
1K
4K
20
60
60
46
46
46
19
24
24
24
24
24
19
18
19
18
18
18
24
24
24
24
19
12
12
12
12
12
5
5
8
8
8
8
4
4
4
4
4
2
2
2
2
2
1
1
1
1
1
1
40, 44, 64, 68, 80
40, 44, 64, 68, 80
40, 44, 64, 68
40, 44, 64, 68
40, 44, 64, 68
20, 28
8,
20, 28
20, 28
8,
20, 28
8,
20, 28
8,
20, 28
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F08200100KITG (RoHS)
Z8F08200100KIT
G (RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F04A28100KIT
G (RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F04A28100KITG
(RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F04A28100KIT
G (RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F08A28100KITG
(RoHS)
2
2
2
2
2
2
20
20
20
20
20
5
5
5
5
20
4K
2K
2K
2K
1K
1K
1K
1K
512
256
Z8F48
Z8F32
Z8F24
Z8F16
Z8F08
Z8F08x3
Z8F04
Z8F04x3
Z8F02x3
Z8F01x3
Z8 Encore!® MCU Development Kit
ZiLOG Developer Studio II-Integrated Development Environ-
ment is a complete suite of software tools that supports devel-
opment with the Z8 Encore!® MCU. Its easy-to-use Windows-
based GUI provides an environment that accelerates the edit,
compile, and debug cycle. Included in ZDS II is a language
sensitive editor, Project manager, Compiler, Assembler, Linker,
Librarian, and Debugger.


Similar Part No. - Z8F08

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F0813 ZILOG-Z8F0813 Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
Z8F081AHH020EC ZILOG-Z8F081AHH020EC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F081AHH020SC ZILOG-Z8F081AHH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F081AHJ020EC ZILOG-Z8F081AHJ020EC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
More results

Similar Description - Z8F08

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN675 SILABS-AN675 Datasheet
593Kb / 2P
   PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
logo
Texas Instruments
TMS570LS31 TI-TMS570LS31 Datasheet
1Mb / 37P
[Old version datasheet]   TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
Silicon Laboratories
C8051F850DK-QS SILABS-C8051F850DK-QS Datasheet
775Kb / 2P
   C8051F85X/86X MCU DEVELOPMENT KIT QUICK-START GUIDE FEATURING THE UNIFIED DEVELOPMENT PLATFORM (UDP)
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
   C8051F36x DEVELOPMENT KIT
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com