Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F0822PJ020SC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8F0822PJ020SC
Description  High Performance 8-Bit Microcontrollers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0822PJ020SC Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8F0822PJ020SC Datasheet HTML 1Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 2Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 3Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 4Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 5Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 6Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 7Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 8Page - Zilog, Inc. Z8F0822PJ020SC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ZiLOG, Inc. • 532 Race Street San Jose, CA 95126-3432 • www.zilog.com
Product Block Diagram
Overview
The Z8 Encore!® 8K Series devices are Flash
microcontrollers based on the ZiLOG® eZ8 CPU.
The Z8 Encore!® 8K Series MCU devices sets a
new standard for performance and on-chip
peripherals.
The Z8 Encore!® 8K Series devices support up to
8KB of Flash (or optional ROM) program memory
and 1KB register RAM
The 8K Series devices feature up to five channels
of 10-bit A/D conversion for measuring analog
signals.
These devices include two enhanced 16-bit timer
blocks featuring PWMs and Capture and Compare.
Up to 19 vectored interrupts with programmable
priorities provide increased application flexibility.
The new single-pin debugger and programming
interface simplifies code development and allows
for easy in-circuit programming.
The full-duplex UART provides serial
communications and IrDA encoding and decoding
capability.
SPI and I2C ports allow easy incorporation into
any system.
Features
20MHz eZ8 CPU core
Up to 8KB Flash memory (or optional ROM)
with in-circuit programming capability (Flash
only)
1KB register RAM
Optional 2- or 5-channel, 10-bit analog-to-dig-
ital converter (ADC)
Full-duplex 9-bit UART with bus transceiver
Driver Enable Control
I2C
Serial peripheral interface (SPI)
Infrared Data Association (IrDA)-compliant
infrared encoder/decoders
Two 16-bit timers with capture, compare, and
PWM capability
Watch-Dog Timer (WDT) with internal RC
oscillator
11-19 I/O pins depending upon package
Up to 19 interrupts with configurable priority
On-Chip Debugger
Voltage Brown-out Protection (VBO)
Power-On Reset (POR)
Crystal oscillator with three power settings and
external RC network option
2.7–3.6V operating voltage with 5V-tolerant
inputs
4–8KB Flash
1KB RAM
Up to 5
Channels
10-Bit ADC
Two 16-Bit
Timers/PWM
20MHz
eZ8 CPU
POR/VBO
& Reset
Control
SPI, I2C, UART
with IrDA
Watch-Dog
Timer with RC
Oscillator
On-Chip
Debugger
Crystal/RC
Oscillator
Up to 19 General-Purpose I/O Pins
High-Performance 8-Bit Microcontrollers
PB011107-0204
Z8 Encore!® 8K Series
Product Brief
PRELIMINARY


Similar Part No. - Z8F0822PJ020SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F08200100KIT ZILOG-Z8F08200100KIT Datasheet
113Kb / 2P
   Terminal block inputs for some ADC channels on the Z8 Encore! MCU family
Z8F0823 ZILOG-Z8F0823 Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F082A ZILOG-Z8F082A Datasheet
155Kb / 2P
   Development Kit
Z8F082A28100KIT ZILOG-Z8F082A28100KIT Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F082AHH020EC ZILOG-Z8F082AHH020EC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
More results

Similar Description - Z8F0822PJ020SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
   High-Performance 8-Bit Microcontrollers
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
   High Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
   High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
Z8F4822AR020SG ZILOG-Z8F4822AR020SG Datasheet
1Mb / 323P
   High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com