Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC157MTCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC157MTCX
Description  Quad 2-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC157MTCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC157MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74AC157MTCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
5.5
9.0
1.5
10.0
ns
S to Zn
tPHL
Propagation Delay
5.0
2.0
5.5
9.5
2.0
10.5
ns
S to Zn
tPLH
Propagation Delay
5.0
1.5
6.0
10.0
1.5
11.5
ns
E to Zn
tPHL
Propagation Delay
5.0
1.5
5.0
8.5
1.0
9.0
ns
E to Zn
tPLH
Propagation Delay
5.0
1.5
4.0
7.0
1.0
8.5
ns
In to Zn
tPHL
Propagation Delay
5.0
1.5
4.5
7.5
1.0
8.5
ns
In to Zn
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
50.0
pF
VCC = 5.0V


Similar Part No. - 74AC157MTCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157MTR STMICROELECTRONICS-74AC157MTR Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
More results

Similar Description - 74AC157MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com