Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404701 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1404701
Description  Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FR B-L - 1404701
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404701 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1404701 Datasheet HTML 1Page - PHOENIX CONTACT 1404701 Datasheet HTML 2Page - PHOENIX CONTACT 1404701 Datasheet HTML 3Page - PHOENIX CONTACT 1404701 Datasheet HTML 4Page - PHOENIX CONTACT 1404701 Datasheet HTML 5Page - PHOENIX CONTACT 1404701 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404701
17.01.2013   Page 6 / 6
Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FR B-L - 1404701
Accessories
Torque screwdriver - TSD 02 SAC - 1208487
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
 
 
Tool - SAC BIT M8-D10 - 1208461
Nut for assembling sensor/actuator cables with M8 connector and for M8 connectors with QUICKON fast
connection technology, for 4 mm hexagonal drive
 
 
Drawings
Schematic diagram
3
1
4
Pin assignment M8 socket, 3-pos., view female side
Cable cross section
PVC black [PVC]
Dimensioned drawing
Ø10
M8
27,9
Socket M8 x 1, angled
Circuit diagram
BN
1
4
BU
3
BK
Contact assignment of M8 plugs/sockets
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 1404701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404703 PHOENIX-1404703 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FR B-L - 1404703
1404705 PHOENIX-1404705 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/0,6-PVC/M 8FS BL 1404705
1404706 PHOENIX-1404706 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
1404709 PHOENIX-1404709 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/ 2,0-PVC B-L - 1404709
More results

Similar Description - 1404701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404718 PHOENIX-1404718 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FR B-L - 1404718
1404794 PHOENIX-1404794 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/B B-L
1404703 PHOENIX-1404703 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FR B-L - 1404703
1404787 PHOENIX-1404787 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/A B-L
1404804 PHOENIX-1404804 Datasheet
112Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/CI B-L
1404801 PHOENIX-1404801 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/C B-L
1404797 PHOENIX-1404797 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/BI B-L
1404695 PHOENIX-1404695 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 2,0-PVC B-L - 1404695
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
1404691 PHOENIX-1404691 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 2,0-PVC B-L - 1404691
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com