Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404703 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1404703
Description  Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FR B-L - 1404703
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404703 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1404703 Datasheet HTML 1Page - PHOENIX CONTACT 1404703 Datasheet HTML 2Page - PHOENIX CONTACT 1404703 Datasheet HTML 3Page - PHOENIX CONTACT 1404703 Datasheet HTML 4Page - PHOENIX CONTACT 1404703 Datasheet HTML 5Page - PHOENIX CONTACT 1404703 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404703
17.01.2013   Page 2 / 6
Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FR B-L - 1404703
Technical data
Conductor data
Cable type
PVC black
Cable type (abbreviation)
PVC
Cable abbreviation
LiYY
Conductor cross section
3x 0.25 mm² (signal line)
AWG signal line
24
Conductor structure signal line
32x 0.10 mm
Core diameter including insulation
1.32 mm ±0.02 mm
Thickness, insulation
≥ 0.23 mm (Core insulation)
Thickness, insulation
≥ 0.76 mm (Outer cable sheath)
Wire colors
brown, blue, black
Overall twist
3 wires, twisted
External sheath, color
Black RAL 9005
External cable diameter D
4.4 mm ±0.15 mm
Cable weight
29 kg/km
Outer sheath, material
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 100 MΩ*km (at 20 °C)
Conductor resistance
max. 78 Ω/km (at 20 °C)
Nominal voltage, conductor
≥ 300 V
Test voltage, conductor
≤ 3000 V
Flame resistance
As per UL-Style 2464
Ambient temperature (operation)
-25 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-5 °C ... 80 °C (cable, flexible installation)
Classifications
ETIM
ETIM 3.0
EC001855
ETIM 4.0
EC001855
ETIM 5.0
EC001855
UNSPSC
UNSPSC 11
31251501
UNSPSC 12.01
31251501
UNSPSC 13.2
31251501
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501
eCl@ss
eCl@ss 4.0
27060306
eCl@ss 4.1
27060306
eCl@ss 5.0
27061801


Similar Part No. - 1404703

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404701 PHOENIX-1404701 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FR B-L - 1404701
1404705 PHOENIX-1404705 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/0,6-PVC/M 8FS BL 1404705
1404706 PHOENIX-1404706 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
1404709 PHOENIX-1404709 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/ 2,0-PVC B-L - 1404709
More results

Similar Description - 1404703

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404719 PHOENIX-1404719 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P- 5,0-PVC/M 8FR B-L - 1404719
1508174 PHOENIX-1508174 Datasheet
148Kb / 12P
   Sensor/actuator cable - SAC-3P- 5,0-PVC/M 8FR-2L
09/11/2020
1404701 PHOENIX-1404701 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FR B-L - 1404701
1404795 PHOENIX-1404795 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/B B-L
1404788 PHOENIX-1404788 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/A B-L
1404802 PHOENIX-1404802 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/C B-L
1404805 PHOENIX-1404805 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI B-L
1404798 PHOENIX-1404798 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/BI B-L
1404699 PHOENIX-1404699 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FS B-L - 1404699
1404693 PHOENIX-1404693 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 5,0-PVC B-L - 1404693
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com