Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404715 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1404715
Description  Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FS B-L - 1404715
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404715 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1404715 Datasheet HTML 1Page - PHOENIX CONTACT 1404715 Datasheet HTML 2Page - PHOENIX CONTACT 1404715 Datasheet HTML 3Page - PHOENIX CONTACT 1404715 Datasheet HTML 4Page - PHOENIX CONTACT 1404715 Datasheet HTML 5Page - PHOENIX CONTACT 1404715 Datasheet HTML 6Page - PHOENIX CONTACT 1404715 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1404715
17.01.2013   Page 1 / 7
Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FS B-L - 1404715
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/Actuator cable, 4-position, PVC, Black RAL 9005, Free cable end, on Socket straight M8,
Cable length: 2 m
 
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85444290
Country of origin
POLAND
Technical data
General data
Rated current at 40°C
4 A
Rated voltage
30 V
Number of positions
4
Volume resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Length of cable
2 m
Ambient temperature (operation)
-25 °C ... 90 °C (Male connector / female connector)
General characteristics
Standards/regulations
M8 plug-in connector IEC 61076-2-104
Coding
A - standard
Surge voltage category
II
Pollution degree
3
Degree of protection
IP65/67
Torque
0.2 Nm (M8 plug-in connectors)
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing


Similar Part No. - 1404715

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404710 PHOENIX-1404710 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/ 5,0-PVC B-L - 1404710
1404712 PHOENIX-1404712 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MR/ 2,0-PVC B-L - 1404712
1404713 PHOENIX-1404713 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MR/ 5,0-PVC B-L - 1404713
1404716 PHOENIX-1404716 Datasheet
124Kb / 7P
   1404716
1404718 PHOENIX-1404718 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FR B-L - 1404718
More results

Similar Description - 1404715

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
1404791 PHOENIX-1404791 Datasheet
117Kb / 6P
   Sensor/Actuator cable - SAC-4P- 2,0-PVC/AD B-L
1404718 PHOENIX-1404718 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FR B-L - 1404718
1404709 PHOENIX-1404709 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/ 2,0-PVC B-L - 1404709
1404712 PHOENIX-1404712 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MR/ 2,0-PVC B-L - 1404712
1404722 PHOENIX-1404722 Datasheet
126Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/1,0-PVC/M 8FS B-L - 1404722
1404794 PHOENIX-1404794 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/B B-L
1404699 PHOENIX-1404699 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FS B-L - 1404699
1404695 PHOENIX-1404695 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 2,0-PVC B-L - 1404695
1404691 PHOENIX-1404691 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 2,0-PVC B-L - 1404691
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com