Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSF3300 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMSF3300
Description  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3300 Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF3300 Datasheet HTML 1Page - Motorola, Inc MMSF3300 Datasheet HTML 2Page - Motorola, Inc MMSF3300 Datasheet HTML 3Page - Motorola, Inc MMSF3300 Datasheet HTML 4Page - Motorola, Inc MMSF3300 Datasheet HTML 5Page - Motorola, Inc MMSF3300 Datasheet HTML 6Page - Motorola, Inc MMSF3300 Datasheet HTML 7Page - Motorola, Inc MMSF3300 Datasheet HTML 8Page - Motorola, Inc MMSF3300 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMSF3300
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
24
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
0.004
0.5
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.9
4.4
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 10 Adc)
(VGS = 4.5 Vdc, ID = 5.0 Adc)
RDS(on)
10
16
12.5
20
m
Forward Transconductance (VDS = 15 Vdc, ID = 10 Adc)
gFS
3.0
18
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
24 Vdc V
0 Vdc
Ciss
1700
pF
Output Capacitance
(VDS = 24 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
600
Transfer Capacitance
f = 1.0 MHz)
Crss
200
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
25 Vd
I
1 0 Ad
td(on)
21
40
ns
Rise Time
(VDD = 25 Vdc, ID = 1.0 Adc,
VGS =4 5Vdc
tr
45
90
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
40
80
Fall Time
G
)
tf
40
80
Turn–On Delay Time
(V
25 Vd
I
1 0 Ad
td(on)
12
25
ns
Rise Time
(VDD = 25 Vdc, ID = 1.0 Adc,
VGS =10Vdc
tr
12
25
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
55
110
Fall Time
G
)
tf
39
80
Gate Charge
(V
15 Vd
I
2 0 Ad
QT
45
60
nC
(VDS = 15 Vdc, ID = 2.0 Adc,
Q1
5.1
( DS
, D
,
VGS = 10 Vdc)
Q2
14
Q3
13
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 2.3 Adc, VGS = 0 Vdc)
(IS = 2.3 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.78
0.60
1.1
Vdc
Reverse Recovery Time
(I
3 5 Ad
V
0 Vd
trr
40
ns
(IS = 3.5 Adc, VGS = 0 Vdc,
ta
21
( S
,
GS
,
dIS/dt = 100 A/µs)
tb
19
Reverse Recovery Stored Charge
QRR
0.043
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperatures.


Similar Part No. - MMSF3300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
More results

Similar Description - MMSF3300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com